Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7151ARDZ-04-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM7151ARDZ-04-R7
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151ARDZ-04-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM7151ARDZ-04-R7 Datasheet HTML 12Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 13Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 14Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 15Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 16Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 17Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 18Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 19Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADM7151
Data Sheet
Rev. B | Page 16 of 24
APPLICATIONS INFORMATION
MODEL SELECTION
The ADM7151 is available in two models to allow the user to
select the best combination of power dissipation and PSRR
performance for a given application.
CAPACITOR SELECTION
Output Capacitor
The ADM7151 is designed for operation with ceramic capacitors
but functions with most commonly used capacitors as long as
care is taken with regard to the effective series resistance (ESR)
value. The ESR of the output capacitor affects the stability of the
LDO control loop. A minimum of 10 µF capacitance with an
ESR of 0.2 Ω or less is recommended to ensure the stability of
the ADM7151. Output capacitance also affects transient
response to changes in load current. Using a larger value of
output capacitance improves the transient response of the
ADM7151 to large changes in load current. Figure 51 shows the
transient responses for an output capacitance value of 10 µF.
CH1 500mA Ω BW CH2 10mV BW M4µs
A CH1
200mA
T 11.0%
1
2
T
Figure 51. Output Transient Response, VOUT = 5 V, COUT = 10 µF
Input and VREG Capacitor
Connecting a 10 µF capacitor from VIN to GND reduces the
circuit sensitivity to PCB layout, especially when long input
traces or high source impedance are encountered.
To maintain the best possible stability and PSRR performance,
connect a 10 µF capacitor from VREG to GND. When more
than 10 µF of output capacitance is required, increase the input
and VREG capacitors to match it.
REF Capacitor
The REF capacitor is necessary to stabilize the reference amplifier.
Connect a capacitor of at least 1 µF between REF and GND.
Table 6. Model Selection Guide for PSRR
Model
VOUT Range (V)
PSRR (dB) at 800 mA, 1.2 V Headroom
PSRR (dB) at 400 mA, 1 V Headroom
10 kHz
100 kHz
1 MHz
10 kHz
100 kHz
1 MHz
ADM7151-02
1.5 to 4.0
91
91
50
94
94
58
ADM7151-04
1.5 to 5.1
84
84
53
94
94
67
Table 7. Model Selection Guide for Input Voltage
Model
VOUT Range (V)
Minimum VIN at 800 mA Load
Minimum VIN at 400 mA Load
VOUT < 3.3 V
VOUT < 5 V
VOUT ≥ 3.3 V
VOUT ≥ 5 V
VOUT < 3.3 V
VOUT < 5 V
VOUT ≥ 3.3 V
VOUT ≥ 5 V
ADM7151-02
1.5 to 4.0
4.5 V
N/A1
VOUT + 1.2 V
N/A1
4.5 V
N/A1
VOUT + 1.0 V
N/A1
ADM7151-04
1.5 to 5.1
N/A1
6.2 V
N/A1
VOUT + 1.2 V
N/A1
6 V
N/A1
VOUT + 1.0 V
1
N/A = not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com