Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7151ARDZ-04-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM7151ARDZ-04-R7
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151ARDZ-04-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM7151ARDZ-04-R7 Datasheet HTML 3Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 4Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 5Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 6Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 7Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 8Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 9Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 10Page - Analog Devices ADM7151ARDZ-04-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADM7151
Rev. B | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = VOUT + 1.2 V or VIN = 4.5 V, whichever is greater, EN = VIN, IOUT = 10 mA, CIN = COUT = CREG = 10 µF, CREF = CBYP = 1 µF, TA = 25°C,
unless otherwise noted.
4.04
3.96
3.97
3.98
3.99
4.00
4.01
4.02
4.03
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
LOAD = 400mA
LOAD = 800mA
Figure 5. Output Voltage (VOUT) vs. Junction Temperature (TJ), ADM7151-02,
VOUT = 4 V
4.04
3.96
3.97
3.98
3.99
4.00
4.01
4.02
4.03
1
10
100
1000
ILOAD (mA)
Figure 6. Output Voltage (VOUT) vs. Load Current (ILOAD), ADM7151-02,
VOUT = 4 V
4.04
3.96
3.97
3.98
3.99
4.00
4.01
4.02
4.03
5
16
15
14
13
12
11
10
9
8
7
6
VIN (V)
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
LOAD = 400mA
LOAD = 800mA
Figure 7. Output Voltage (VOUT) vs. Input Voltage (VIN), ADM7151-02,
VOUT = 4 V
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
LOAD = 400mA
LOAD = 800mA
10
0
1
2
3
4
5
6
7
8
9
Figure 8. Ground Current vs. Junction Temperature (TJ), ADM7151-02,
VOUT = 4 V
10
0
1
2
3
4
5
6
7
8
9
1
10
100
1000
ILOAD (mA)
Figure 9. Ground Current vs. Load Current (ILOAD), ADM7151-02, VOUT = 4 V
10
0
1
2
3
4
5
6
7
8
9
5
16
15
14
13
12
11
10
9
8
7
6
VIN (V)
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
LOAD = 400mA
LOAD = 800mA
Figure 10. Ground Current vs. Input Voltage (VIN), ADM7151-02, VOUT = 4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com