Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLHG540 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLHG540
Description  High Efficiency LED, Ø 5 mm Tinted Diffused Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG540 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLHG540_V01 Datasheet HTML 1Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 2Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 3Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 4Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 5Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 6Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 7Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 8Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLHR540., TLHY540., TLHG540.
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 27-Sep-2021
4
Document Number: 83012
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Forward Current vs. Pulse Length
Fig. 3 - Rel. Luminous Intensity vs. Angular Displacement
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 6 - Relative Luminous Intensity vs. Forward Current/Duty Cycle
0
10
20
30
40
60
95 10046
50
0100
80
60
40
20
Tamb - Ambient Temperature (°C)
0.01
0.1
1
10
1
10
100
1000
10 000
100
95 10025
0.02
0.05
0.1
0.2
1
0.5
T
amb 85 °C
t
p/T = 0.01
tp - Pulse Length (ms)
0.4
0.2
0
0.2
0.4
0.6
95 10042
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
red
t
p/T = 0.001
t
p = 10 µs
0.1
1
10
100
1000
95 10026
VF - Forward Voltage (V)
10
8
6
4
2
0
0
0
0.4
0.8
1.2
1.6
95 10027
20
40
60
80
100
Tamb - Ambient Temperature (°C)
I
F = 10 mA
red
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10321
500
0.5
0.2
0.1
0.05
0.02
1
I
F (mA)
t
p/T
2.0
red



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com