Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLHG540 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLHG540
Description  High Efficiency LED, Ø 5 mm Tinted Diffused Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG540 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLHG540_V01 Datasheet HTML 1Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 2Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 3Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 4Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 5Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 6Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 7Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 8Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLHR540., TLHY540., TLHG540.
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 27-Sep-2021
3
Document Number: 83012
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) In one packing unit IVmin./IVmax.
≤ 0.5
Note
• Luminous flux is tested at a current pulse duration of 25 ms and
an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each bag (there will be no mixing of two groups in
each bag).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one bag.
In order to ensure availability, single wavelength groups will not
be orderable
Note
• Wavelengths are tested at a current pulse duration of 25 ms
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLHG540., GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
TLHG5400
IV
1.6
10
-
mcd
TLHG5401
IV
412
-
mcd
TLHG5405
IV
6.3
15
-
mcd
Dominant wavelength
IF = 10 mA
λd
562
-
575
nm
Peak wavelength
IF = 10 mA
λp
-
565
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 30
-
°
Forward voltage
IF = 20 mA
VF
-2.4
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50
-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
STANDARD
MIN.
MAX.
M1.6
3.2
N2.5
5
P4
8
Q
6.3
12.5
R10
20
S16
32
T25
50
U40
80
V
63
125
W
100
200
X
130
260
Y
180
360
Z
240
480
COLOR CLASSIFICATION
GROUP
DOM. WAVELENGTH (nm)
YELLOW
GREEN
MIN.
MAX.
MIN.
MAX.
0
1
581
584
2
583
586
3
585
588
562
565
4
587
590
564
567
5
589
592
566
569
6
591
594
568
571
7
570
573
8
572
575



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com