Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLHG540 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHG540
Description  High Efficiency LED, Ø 5 mm Tinted Diffused Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG540 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHG540_V01 Datasheet HTML 1Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 2Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 3Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 4Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 5Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 6Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 7Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 8Page - Vishay Siliconix TLHG540_V01 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLHR540., TLHY540., TLHG540.
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 27-Sep-2021
1
Document Number: 83012
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Efficiency LED, Ø 5 mm Tinted Diffused Package
DESCRIPTION
The
TLH.54..
series
was
developed
for
standard
applications like general indicating and lighting purposes.
It is housed in a 5 mm tinted diffused plastic package. The
wide viewing angle of these devices provides a high on-off
contrast.
Several selection types with different luminous intensities
are offered. All LEDs are categorized in luminous intensity
groups. The green and yellow LEDs are categorized
additionally in wavelength groups.
That allows users to assemble LEDs with uniform
appearance.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
•Package: 5 mm
• Product series: standard
• Angle of half intensity: ± 30°
FEATURES
• Choice of three bright colors
• Standard T-1¾ package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Wide viewing angle
• Luminous intensity categorized
• Yellow and green color categorized
• TLH.54.. with stand-offs
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• Status lights
•Off / on indicator
• Background illumination
• Readout lights
• Maintenance lights
•Legend light
Note
(1) Not for new designs
19223
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
TLHR5400
Red
1.6
10
-
10
612
-
630
10
-
2
3
20
GaAsP on GaP
TLHR5400-AS12Z
Red
1.6
10
-
10
612
-
630
10
-
2
3
20
GaAsP on GaP
TLHR5401
Red
4
12
-
10
612
-
630
10
-
2
3
20
GaAsP on GaP
TLHR5405
Red
6.3
14
-
10
612
-
630
10
-
2
3
20
GaAsP on GaP
TLHR5405-KS21
Red
6.3
14
-
10
612
-
630
10
-
2
3
20
GaAsP on GaP
TLHR5405-KSZ
Red
6.3
14
-
10
612
-
630
10
-
2
3
20
GaAsP on GaP
TLHY5400
Yellow
1.6
10
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY5400-AS12Z (1)
Yellow
1.6
10
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY5401
Yellow
4
12
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY5405
Yellow
6.3
14
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHG5400
Green
1.6
10
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG5400-AS12Z
Green
1.6
10
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG5401
Green
4
12
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG5405
Green
6.3
15
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG5405-AS12Z (1)
Green
6.3
15
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG5405-KSZ
Green
6.3
15
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP


Similar Part No. - TLHG540_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
More results

Similar Description - TLHG540_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG520 VISHAY-TLHG520 Datasheet
190Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
03-Jun-09
TLDR5400 VISHAY-TLDR5400_V02 Datasheet
551Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLDR6400 VISHAY-TLDR6400_V02 Datasheet
480Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLHA44R1S2 VISHAY-TLHA44R1S2_V01 Datasheet
109Kb / 5P
High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
19-Apr-17
TLHG440 VISHAY-TLHG440_V02 Datasheet
213Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
29-Mar-2022
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHG640 VISHAY-TLHG640_V02 Datasheet
200Kb / 9P
High Efficiency LED in Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHG642 VISHAY-TLHG642 Datasheet
262Kb / 8P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
30-Nov-2022
TLHR5200 VISHAY-TLHR5200 Datasheet
112Kb / 5P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
06-May-2022
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
30-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com