Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLDY1535 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLDY1535
Description  Dome Lens SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLDY1535 Datasheet(HTML) 1 Page - Vishay Siliconix

  VLDY1535 Datasheet HTML 1Page - Vishay Siliconix VLDY1535 Datasheet HTML 2Page - Vishay Siliconix VLDY1535 Datasheet HTML 3Page - Vishay Siliconix VLDY1535 Datasheet HTML 4Page - Vishay Siliconix VLDY1535 Datasheet HTML 5Page - Vishay Siliconix VLDY1535 Datasheet HTML 6Page - Vishay Siliconix VLDY1535 Datasheet HTML 7Page - Vishay Siliconix VLDY1535 Datasheet HTML 8Page - Vishay Siliconix VLDY1535 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VLDS1535.., VLDR1535.., VLDK1535.., VLDY1535..
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 07-Mar-17
1
Document Number: 84876
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dome Lens SMD LED
DESCRIPTION
The dome lens SMD LED series has been designed in a
small untinted and clear molded package with lens for
surface mounting as gullwing or reverse gullwing version.
The VLD.1535... series is using recent ultrabright AlInGaP /
Si chip technology with high luminous flux and large chip
size allowing a high DC forward current up to 70 mA.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Product series: power
• Package: SMD dome lens
• Angle of half intensity: ± 22°
FEATURES
• Utilizing latest advanced AlInGaP technology
• Package type: surface-mount
• Package form: gullwing, reverse gullwing
• Dimensions (L x W x H in mm): 2.3 x 2.3 x 2.6
• High luminous flux and luminous intensity
• Luminous intensity and color categorized per
packing unit
• Luminous intensity ratio per packing unit
IVmax./IVmin.
≤ 1.6
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• Preconditioning according to JEDEC® level 2a
• Suitable for reflow soldering according to J-STD-020
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Traffic signals and signs
• Interior and exterior lighting
• Indicator and backlighting purposes for audio, video,
LCDs switches, symbols, illuminated advertising etc.
Note
(1) Driving the LED in reverse direction is suitable for a short term application only
VLD.1535R...
VLD.1535G...
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at
IF
(mA)
WAVELENGTH
(nm)
at
IF
(mA)
FORWARD
VOLTAGE
(V)
at
IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
VLDS1535G-08
Super red
2800
5000
9000
50
626
630
637
50
1.9
2.2
2.7
50
AlInGaP on Si
VLDS1535R-08
Super red
2800
5000
9000
50
626
630
637
50
1.9
2.2
2.7
50
AlInGaP on Si
VLDR1535G-08
Red
3550
6500
11 200
50
619
624
631
50
1.9
2.2
2.7
50
AlInGaP on Si
VLDR1535R-08
Red
3550
6500
11 200
50
619
624
631
50
1.9
2.2
2.7
50
AlInGaP on Si
VLDK1535G-08
Amber
4500
8000
14 000
50
611
616
621
50
1.9
2.25
2.7
50
AlInGaP on Si
VLDK1535R-08
Amber
4500
8000
14 000
50
611
616
621
50
1.9
2.25
2.7
50
AlInGaP on Si
VLDY1535G-08
Yellow
4500
8000
14 000
50
583
589
595
50
1.9
2.3
2.7
50
AlInGaP on Si
VLDY1535R-08
Yellow
4500
8000
14 000
50
583
589
595
50
1.9
2.3
2.7
50
AlInGaP on Si
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLDS1535..., VLDR1535..., VLDK1535..., VLDY1535...
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
Short term application only
VR
5V
DC Forward current
Tamb
≤ 60 °C
IF
70
mA
Power dissipation
PV
200
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Thermal resistance junction-to-ambient
Mounted on PC board (pad size > 16 mm2)RthJA
325
K/W


Similar Part No. - VLDY1535

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLDY1535.. VISHAY-VLDY1535.. Datasheet
315Kb / 11P
Dome Lens SMD LED
07-Mar-17
VLDY1535G-08 VISHAY-VLDY1535G-08 Datasheet
322Kb / 11P
Dome Lens SMD LED
07-Mar-17
logo
HK TO-GRACE TECHNOLOGY ...
VLDY1535G-08 TO-GRACE-VLDY1535G-08 Datasheet
905Kb / 11P
Dome Lens SMD LED
logo
Vishay Siliconix
VLDY1535G-08 VISHAY-VLDY1535G-08 Datasheet
315Kb / 11P
Dome Lens SMD LED
07-Mar-17
VLDY1535R-08 VISHAY-VLDY1535R-08 Datasheet
322Kb / 11P
Dome Lens SMD LED
07-Mar-17
More results

Similar Description - VLDY1535

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLH0025-WCR08 P-TEC-PLH0025-WCR08 Datasheet
1Mb / 13P
Dome Lens SMD LED
logo
Vishay Siliconix
VLDS1235 VISHAY-VLDS1235 Datasheet
238Kb / 11P
Dome Lens SMD LED
27-Feb-15
VLDX1235 VISHAY-VLDX1235 Datasheet
319Kb / 13P
Dome Lens SMD LED
07-Jun-17
VLDX1535 VISHAY-VLDX1535 Datasheet
322Kb / 11P
Dome Lens SMD LED
07-Mar-17
logo
HK TO-GRACE TECHNOLOGY ...
VLDB1232G-08 TO-GRACE-VLDB1232G-08 Datasheet
745Kb / 10P
Dome Lens SMD LED
VLDS1235G TO-GRACE-VLDS1235G Datasheet
1Mb / 13P
Dome Lens SMD LED
VLDS1535G-08 TO-GRACE-VLDS1535G-08 Datasheet
905Kb / 11P
Dome Lens SMD LED
logo
Vishay Siliconix
VLDTG1232 VISHAY-VLDTG1232_V01 Datasheet
235Kb / 10P
Dome Lens SMD LED
12-Feb-2019
VLDY1235 VISHAY-VLDY1235_V02 Datasheet
317Kb / 13P
Dome Lens SMD LED
07-Jun-17
VLDY1535 VISHAY-VLDY1535_V02 Datasheet
315Kb / 11P
Dome Lens SMD LED
07-Mar-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com