Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLDY1535 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLDY1535
Description  Dome Lens SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLDY1535 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLDY1535 Datasheet HTML 1Page - Vishay Siliconix VLDY1535 Datasheet HTML 2Page - Vishay Siliconix VLDY1535 Datasheet HTML 3Page - Vishay Siliconix VLDY1535 Datasheet HTML 4Page - Vishay Siliconix VLDY1535 Datasheet HTML 5Page - Vishay Siliconix VLDY1535 Datasheet HTML 6Page - Vishay Siliconix VLDY1535 Datasheet HTML 7Page - Vishay Siliconix VLDY1535 Datasheet HTML 8Page - Vishay Siliconix VLDY1535 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
VLDS1535.., VLDR1535.., VLDK1535.., VLDY1535..
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 07-Mar-17
3
Document Number: 84876
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(2) Tolerances: ± 15 % for IV, ± 0.1 V for VF, ± 1 nm for
λd
Note
• Wavelengths are tested at a current pulse duration of 25 ms and an accuracy of ± 1 nm
Note
• Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ± 15 %.
The above type numbers represent the order groups which include only a few brightness groups. Only one group will be shipped on each
reel (there will be no mixing of two groups on each reel).
In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped on any one reel.
In order to ensure availability, single wavelength groups will not be orderable
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLDY1535G, VLDY1535R, YELLOW
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 50 mA
IV
4500
8000
14 000
mcd
Luminous flux/luminous intensity
φV/IV
-1.2
-
mlm/mcd
Dominant wavelength (1)
IF = 50 mA
λd
583
589
595
nm
Peak wavelength
IF = 50 mA
λp
-
591
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 50 mA
Δλ
17
nm
Angle of half intensity
IF = 50 mA
ϕ
± 22
deg
Forward voltage (1)
IF = 50 mA
VF
1.9
2.3
2.7
V
Reverse current
VR = 5 V
IR
0.01
10
μA
COLOR CLASSIFICATION
GROUP
DOMINANT WAVELENGTH (nm)
AMBER
YELLOW
MIN.
MAX.
MIN.
MAX.
2
611
616
3
616
621
583
586
4
586
589
5
589
592
6
592
595
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
STANDARD
MIN.
MAX.
CA
2800
3550
CB
3550
4500
DA
4500
5600
DB
5600
7100
EA
7100
9000
EB
9000
11 200
FA
11 200
14 000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com