Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLDY1535 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLDY1535
Description  Dome Lens SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLDY1535 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLDY1535 Datasheet HTML 1Page - Vishay Siliconix VLDY1535 Datasheet HTML 2Page - Vishay Siliconix VLDY1535 Datasheet HTML 3Page - Vishay Siliconix VLDY1535 Datasheet HTML 4Page - Vishay Siliconix VLDY1535 Datasheet HTML 5Page - Vishay Siliconix VLDY1535 Datasheet HTML 6Page - Vishay Siliconix VLDY1535 Datasheet HTML 7Page - Vishay Siliconix VLDY1535 Datasheet HTML 8Page - Vishay Siliconix VLDY1535 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
VLDS1535.., VLDR1535.., VLDK1535.., VLDY1535..
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 07-Mar-17
2
Document Number: 84876
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Tolerances: ± 15 % for IV, ± 0.1 V for VF, ± 1 nm for
λd
Note
(1) Tolerances: ± 15 % for IV, ± 0.1 V for VF, ± 1 nm for
λd
Note
(1) Tolerances: ± 15 % for IV, ± 0.1 V for VF, ± 1 nm for
λd
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLDS1535G, VLDS1535R, SUPER RED
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 50 mA
IV
2800
5000
9000
mcd
Luminous flux/luminous intensity
φV/IV
-1.2
-
mlm/mcd
Dominant wavelength (1)
IF = 50 mA
λd
626
630
637
nm
Peak wavelength
IF = 50 mA
λp
-
639
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 50 mA
Δλ
-18
-
nm
Angle of half intensity
IF = 50 mA
ϕ
-± 22
-
deg
Forward voltage (1)
IF = 50 mA
VF
1.9
2.2
2.7
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLDR1535G, VLDR1535R, RED
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 50 mA
IV
3550
6500
11 200
mcd
Luminous flux/luminous intensity
φV/IV
-1.2
-
mlm/mcd
Dominant wavelength (1)
IF = 50 mA
λd
619
624
631
nm
Peak wavelength
IF = 50 mA
λp
-
632
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 50 mA
Δλ
-18
-
nm
Angle of half intensity
IF = 50 mA
ϕ
-± 22
-
deg
Forward voltage (1)
IF = 50 mA
VF
1.9
2.2
2.7
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLDK1535G, VLDK1535R, AMBER
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 50 mA
IV
4500
8000
14 000
mcd
Luminous flux/luminous intensity
φV/IV
-1.2
-
mlm/mcd
Dominant wavelength (1)
IF = 50 mA
λd
611
616
621
nm
Peak wavelength
IF = 50 mA
λp
-
622
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 50 mA
Δλ
-18
-
nm
Angle of half intensity
IF = 50 mA
ϕ
-± 22
-
deg
Forward voltage (1)
IF = 50 mA
VF
1.9
2.25
2.7
V
Reverse current
VR = 5 V
IR
-0.01
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com