Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 62 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 58Page - Texas Instruments AM6421 Datasheet HTML 59Page - Texas Instruments AM6421 Datasheet HTML 60Page - Texas Instruments AM6421 Datasheet HTML 61Page - Texas Instruments AM6421 Datasheet HTML 62Page - Texas Instruments AM6421 Datasheet HTML 63Page - Texas Instruments AM6421 Datasheet HTML 64Page - Texas Instruments AM6421 Datasheet HTML 65Page - Texas Instruments AM6421 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 235 page
background image
Table 6-12. Trace Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
TRC_DATA14
O
Trace Data 14
R17
TRC_DATA15
O
Trace Data 15
P16
TRC_DATA16
O
Trace Data 16
R18
TRC_DATA17
O
Trace Data 17
T21
TRC_DATA18
O
Trace Data 18
P17
TRC_DATA19
O
Trace Data 19
T19
TRC_DATA20
O
Trace Data 20
W19
TRC_DATA21
O
Trace Data 21
Y18
TRC_DATA22
O
Trace Data 22
N16
TRC_DATA23
O
Trace Data 23
R19
6.3.6.2 MCU Domain
Table 6-13. JTAG Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
EMU0
IO
Emulation Control 0
D10
EMU1
IO
Emulation Control 1
E10
TCK
I
JTAG Test Clock Input
B11
TDI
I
JTAG Test Data Input
C11
TDO
OZ
JTAG Test Data Output
A12
TMS
I
JTAG Test Mode Select Input
C12
TRSTn
I
JTAG Reset
D11
6.3.7 EPWM
6.3.7.1 MAIN Domain
Table 6-14. EPWM Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
EHRPWM_SOCA
O
EHRPWM Start of Conversion A
C17
EHRPWM_SOCB
O
EHRPWM Start of Conversion B
D17
EHRPWM_TZn_IN0
I
EHRPWM Trip Zone Input 0 (active low)
T18
EHRPWM_TZn_IN1
I
EHRPWM Trip Zone Input 1 (active low)
V21
EHRPWM_TZn_IN2
I
EHRPWM Trip Zone Input 2 (active low)
R16, R20
EHRPWM_TZn_IN3
I
EHRPWM Trip Zone Input 3 (active low)
P16
EHRPWM_TZn_IN4
I
EHRPWM Trip Zone Input 4 (active low)
P17, P19
EHRPWM_TZn_IN5
I
EHRPWM Trip Zone Input 5 (active low)
R21, Y18
Table 6-15. EPWM0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
EHRPWM0_A
IO
EHRPWM Output A
U20
EHRPWM0_B
IO
EHRPWM Output B
U18
EHRPWM0_SYNCI
I
Sync Input to EHRPWM module from an external pin
T20
EHRPWM0_SYNCO
O
Sync Output to EHRPWM module to an external pin
U21
Table 6-16. EPWM1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
EHRPWM1_A
IO
EHRPWM Output A
U19
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56C – JANUARY 2021 – REVISED FEBRUARY 2022
www.ti.com
62
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com