Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 87 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 83Page - Texas Instruments AM6421 Datasheet HTML 84Page - Texas Instruments AM6421 Datasheet HTML 85Page - Texas Instruments AM6421 Datasheet HTML 86Page - Texas Instruments AM6421 Datasheet HTML 87Page - Texas Instruments AM6421 Datasheet HTML 88Page - Texas Instruments AM6421 Datasheet HTML 89Page - Texas Instruments AM6421 Datasheet HTML 90Page - Texas Instruments AM6421 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 235 page
background image
Table 6-63. Sysboot Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
BOOTMODE09
I
Bootmode pin 9
T17
BOOTMODE10
I
Bootmode pin 10
R16
BOOTMODE11
I
Bootmode pin 11
W20
BOOTMODE12
I
Bootmode pin 12
W21
BOOTMODE13
I
Bootmode pin 13
V18
BOOTMODE14
I
Bootmode pin 14
Y21
BOOTMODE15
I
Bootmode pin 15
Y20
6.3.22.2 Clock
6.3.22.2.1 MCU Domain
Table 6-64. MCU Clock Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
MCU_OSC0_XI
I
High frequency oscillator input
C21
MCU_OSC0_XO
O
High frequency oscillator output
B20
6.3.22.3 System
6.3.22.3.1 MAIN Domain
Table 6-65. System Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
CLKOUT0
O
RMII Clock Output (50 MHz). This pin is used for clock
source to the external PHY and must be routed back to
the RMII_REF_CLK pin for proper device operation.
A19, U13
EXTINTn
I
External Interrupt
C19
EXT_REFCLK1
I
External clock input to Main Domain, routed to Timer
clock muxes as one of the selectable input clock
sources for Timer/WDT modules, or as reference clock
to MAIN_PLL2 (PER1 PLL)
A19
GPMC0_FCLK_MUX
O
GPMC functional clock output selected through a mux
logic
R17
OBSCLK0
O
Observation clock output for test and debug purposes
only
D17
PORz_OUT
O
Main Domain POR status output
E17
RESETSTATz
O
Main Domain warm reset status output
F16
RESET_REQz
I
Main Domain external warm reset request input
E18
SYSCLKOUT0
O
SYSCLK0 output from Main PLL controller (divided by
6) for test and debug purposes only
C17
6.3.22.3.2 MCU Domain
Table 6-66. MCU System Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
MCU_EXT_REFCLK0
I
External system clock input
B7
MCU_OBSCLK0
O
Observation clock output for test and debug purposes
only
C6, E10
MCU_PORz
I
MCU Domain cold reset
B21
MCU_RESETSTATz
O
MCU Domain warm reset status output
B13
MCU_RESETz
I
MCU Domain warm reset
B12
MCU_SAFETY_ERRORn
IO
Error signal output from MCU Domain ESM
A20
www.ti.com
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56C – JANUARY 2021 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com