Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 94 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 90Page - Texas Instruments AM6421 Datasheet HTML 91Page - Texas Instruments AM6421 Datasheet HTML 92Page - Texas Instruments AM6421 Datasheet HTML 93Page - Texas Instruments AM6421 Datasheet HTML 94Page - Texas Instruments AM6421 Datasheet HTML 95Page - Texas Instruments AM6421 Datasheet HTML 96Page - Texas Instruments AM6421 Datasheet HTML 97Page - Texas Instruments AM6421 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 235 page
background image
Table 6-80. Connectivity Requirements (continued)
BALL NUMBER
BALL NAME
CONNECTION REQUIREMENTS
H2
H1
J5
K5
F6
H4
D2
C5
E2
D4
D3
F2
J2
L5
J3
J4
K3
J1
M5
K4
G4
G5
G2
H3
H5
F1
E1
F4
F3
E3
E4
B2
M2
A3
A2
B5
A4
B3
C4
C2
B4
N5
L4
L2
M3
N4
N3
M4
N2
C1
B1
N1
M1
E5
F5
D5
DDR0_ACT_n
DDR0_ALERT_n
DDR0_CAS_n
DDR0_PAR
DDR0_RAS_n
DDR0_WE_n
DDR0_A0
DDR0_A1
DDR0_A2
DDR0_A3
DDR0_A4
DDR0_A5
DDR0_A6
DDR0_A7
DDR0_A8
DDR0_A9
DDR0_A10
DDR0_A11
DDR0_A12
DDR0_A13
DDR0_BA0
DDR0_BA1
DDR0_BG0
DDR0_BG1
DDR0_CAL0
DDR0_CK0
DDR0_CK0_n
DDR0_CKE0
DDR0_CKE1
DDR0_CS0_n
DDR0_CS1_n
DDR0_DM0
DDR0_DM1
DDR0_DQ0
DDR0_DQ1
DDR0_DQ2
DDR0_DQ3
DDR0_DQ4
DDR0_DQ5
DDR0_DQ6
DDR0_DQ7
DDR0_DQ8
DDR0_DQ9
DDR0_DQ10
DDR0_DQ11
DDR0_DQ12
DDR0_DQ13
DDR0_DQ14
DDR0_DQ15
DDR0_DQS0
DDR0_DQS0_n
DDR0_DQS1
DDR0_DQS1_n
DDR0_ODT0
DDR0_ODT1
DDR0_RESET0_n
If DDRSS0 is not used, leave unconnected.
Note: The DDR0 pins in this list can only be left unconnected
when VDDS_DDR and VDDS_DDR_C are connected to VSS. The
DDR0 pins must be connected as defined in the AM64x\AM243x
DDR Board Design and Layout Guidelines, when VDDS_DDR and
VDDS_DDR_C are connected to a power source.
K13
H14
VDD_MMC0
VDD_DLL_MMC0
If MMC0 is not used, each of these balls must be connected to the
same power source as VDD_CORE.
J15
K14
VDDS_MMC0
VDDS_MMC0
If MMC0 is not used, each of these balls must be connected to
any 1.8V power source that does not violate device power supply
sequencing requirements.
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56C – JANUARY 2021 – REVISED FEBRUARY 2022
www.ti.com
94
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com