Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100CCPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADIN1100CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100CCPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADIN1100CCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
Data Sheet
ADIN1100
ON-CHIP DIAGNOSTICS
analog.com
Rev. 0 | 30 of 78
Figure 14. ADIN1100 Loopback Modes
FRAME GENERATOR AND CHECKER
Overview
The ADIN1100 can be configured to generate frames and to check
received frames (see Figure 15). The generating and checking
functions can be used together or independently. If the ADIN1100
transmitted frames are looped back at the remote end, the frame
checker can be used to check the echoed self generated frames.
Frame Generator
When the frame generator is enabled, the MAC interface is ignored
and the frame generator data is used for transmission on the MDI
pins. To use the frame generator, the diagnostic clock must also
be enabled using the CRSM_DIAG_CLK_EN bit (see the CRSM
Diagnostics Clock Control Register section).
The frame generator control registers configure the type of frames
to be sent (for example, random data, all 1s), the frame length, and
the number of frames to be generated.
The generation of the requested frames starts by enabling the
frame generator by setting the FG_EN bit (see the Frame Genera-
tor Enable Register section).
When the generation of the frames is completed, the frame gener-
ator done bit, FG_DONE, is set (see the Frame Generator Done
Register section).
Frame Checker
The frame checker is enabled by setting the frame checker enable
bit, FC_EN (see the Frame Checker Enable Register section). The
frame checker can be configured to check and analyze received
frames from either the MAC interface or the PHY using the frame
checker transmit select bit, FC_TX_SEL (see the Frame Checker
Transmit Select Register section). The frame checker reports the
number of frames received, cyclic redundancy check (CRC) errors,
and various frame errors. The frame checker frame counter regis-
ters and the frame checker error counter registers count these
events.
Error Counters
The frame checker counts the number of CRC errors, and
these errors are reported in the receive error counter register
(RX_ERR_CNT). To ensure synchronization between the frame
checker error counter and frame checker frame counters, all of
the counters are latched when the receive error counter register is
read. Therefore, when using the frame checker, read the receive
error counter first, and then read all other frame counters and error
counters. A latched copy of the receive frame counter register is
available in FC_FRM_CNT_H (see the Frame Checker Count High
Register section) and FC_FRM_CNT_L (see the Frame Checker
Count Low Register section).
In addition to CRC errors, the frame checker counts frame length
errors, frame alignment errors, symbol errors, oversized frames
errors, and undersized frame errors.
The frame checker also counts frames with an odd number of
nibbles in the frame, and counts packets with an odd number of
nibbles in the preamble.
The frame checker also counts the number of false carrier events,
which is a count of the number of times the bad start of stream
delimiter (SSD) state is entered.
FRAME GENERATOR AND CHECKER LINK
TEST
Using the ADIN1100 and a second PHY device, the user can
configure a convenient, self contained validation setup of the
PHY to PHY connection. Figure 15 shows an overview of how
each PHY is configured. An external cable is connected between
both devices, and PHY 1 is generating frames using the frame
generator. PHY 2 has MAC interface remote loopback enabled
using MAC_IF_REM_LB_EN (see the MAC Interface Loopbacks
Configuration Register section).
1. The PHY 1 frames (frame generator) are sent over the
10BASE-T1L single pair cable.
2. PHY 2 receives frames on the PHY 2 MDI pins.
3. The PHY 2 MAC interface loops the frame back.
4. The PHY 2 frames (looped back) are sent over the 10BASE-
T1L single pair cable.
5. PHY 1 receives the PHY 2 frames (looped back) on the MDI
pins.
6. The PHY 1 frame checker checks the received frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com