Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100CCPZ-R7 Datasheet(PDF) 77 Page - Analog Devices

Part # ADIN1100CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100CCPZ-R7 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADIN1100CCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 78Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 77 / 78 page
background image
Data Sheet
ADIN1100
PCB LAYOUT RECOMMENDATIONS
analog.com
Rev. 0 | 77 of 78
LAND PATTERN
The LFCSP has an exposed pad underneath the package that
must be soldered to the PCB ground for mechanical, electrical, and
thermal reasons.
For thermal impedance performance and to maximize heat transfer
to the PCB, the use of a 4 × 4 array of thermal vias beneath
the exposed ground pad is recommended. Via tenting is also
recommended.
COMPONENT PLACEMENT AND ROUTING
Prioritization of the critical traces and components helps simplify
the routing exercise. Place and orient the critical traces and compo-
nents first to ensure an effective layout. The critical components
are the crystal and load capacitors, the CEXT_2 and CEXT_3
capacitors, and all bypass capacitors local to the ADIN1100 device.
Prioritize these components for placement and routing.
►
Place the decoupling capacitor as close as possible to their input
pins.
►
Minimize traces turns, and use a 45° corner.
►
Avoid traces crossing power planes on adjacent layers.
►
Avoid stubs.
►
Keep the MDI traces (RXP, RXN, TXP, and TXN) as short as
possible.
►
Avoid vias on a high speed signal. Place ground vias next to the
signal vias to improve the return current path.
CRYSTAL PLACEMENT AND ROUTING
Particular attention is required on the crystal placement and routing
to ensure minimum current consumption, reduce stray capacitance,
and improve noise immunity.
►
Place the crystal, capacitors as close as possible to the
ADIN1100 XTAL_I/CLK_IN and XTAL_O pins.
►
Place the load capacitors close to each other.
►
Use a local GND plane (copper island) for the crystal and load
capacitors with a single point connection to the main GND.
►
Reduce parasitic capacitance by keeping the XTAL_I and
XTAL_O traces away from each other.
►
Adding a copper keepout on the layer beneath the crystal can
also reduce the parasitic capacitance.
PCB STACK
Follow these recommendations for the PCB stack:
►
Use a PCB stack with a minimum of four layers. Consider six
layers or more with external layers used as ground planes to
improve EMI issues (optional).
►
Define copper layer thickness based on the application and
power requirements.
►
Use internal layers for the power and ground planes.
►
Use external layers for the signal traces.
►
Use via stitching to improve ground and reduce EMI. The
stitching pattern and via to via gaps are defined based on the
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com