Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100CCPZ-R7 Datasheet(PDF) 64 Page - Analog Devices

Part # ADIN1100CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100CCPZ-R7 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADIN1100CCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
Data Sheet
ADIN1100
ETHERNET CLAUSE 45 REGISTER DETAILS
analog.com
Rev. 0 | 64 of 78
Table 102. Bit Descriptions for DIGIO_PINMUX2
Bits
Bit Name
Description
Reset
Access
[7:4]
DIGIO_RXSOP_PINMUX
Pin Mux Select for Receive SOP.
0xF
R/W
0000: RXD_3.
0001: RXD_2.
0010: RXD_1.
0011: RX_CLK.
0100: RX_DV.
0101: RX_ER.
0110: TX_ER.
0111: TX_EN.
1000: TX_CLK.
1001: TXD_1.
1010: TXD_2.
1011: TXD_3.
1100: LINK_ST.
1101: LED_0.
1110: LED_1.
1111: off.
[3:0]
DIGIO_TXSOP_PINMUX
Pin Mux Select for Transmit SOP.
0xF
R/W
0000: RXD_3.
0001: RXD_2.
0010: RXD_1.
0011: RX_CLK.
0100: RX_DV.
0101: RX_ER.
0110: TX_ER.
0111: TX_EN.
1000: TX_CLK.
1001: TXD_1.
1010: TXD_2.
1011: TXD_3.
1100: LINK_ST.
1101: LED_0.
1110: LED_1.
1111: off.
LED_0 ON/OFF BLINK TIME REGISTER
Device Address: 0x1E; Register Address: 0x8C80, Reset: 0x3636, Name: LED0_BLINK_TIME_CNTRL
LED on blink time = LED0_ON_N4MS × 4 ms.
LED off blink time = LED0_OFF_N4MS × 4 ms.
If LEDx_MODE = 0 and LEDx_FUNCTION is set to blink, the LED activity starts with an LED off sequence, followed by an LED on sequence,
and then repeats.
If LEDx_MODE = 1 and LEDx_FUNCTION is set to blink, the LED activity starts with an LED on sequence, followed by an LED off sequence,
and then repeats.
If LEDx_OFF_N4MS = LEDx_ON_N4MS = 0, this is a special case whereby the internal activity signal as selected by LEDx_FUNCTION can be
monitored live.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com