Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5387ACPZ-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5387ACPZ-R2
Description  30 MHz to 2 GHz Quadrature Demodulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387ACPZ-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5387ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Data Sheet
ADL5387
Rev. C | Page 25 of 27
Table 4. Evaluation Board Configuration Options
Component
Function
Default Condition
VPOS, GND
Power Supply and Ground Vector Pins.
Not Applicable
R1, R3, R6
Power Supply Decoupling. Shorts or power supply decoupling resistors.
R1, R3, R6 = 0 Ω (0805)
C1, C2, C3,
C4, C8, C9
The capacitors provide the required dc coupling up to 2 GHz.
C2, C4, C8 = 100 pF (0402)
C1, C3, C9 = 0.1 µF (0603)
C5, C6, C7,
C10, C11
AC Coupling Capacitors. These capacitors provide the required ac coupling from
50 MHz to 2 GHz. For operation down to 30 MHz, C10 and C11 should be changed to
0.01 µF.
C5, C6, C10, C11 = 1000 pF (0402),
C7 = Open
R4, R5,
R9 to R16
Single-Ended Baseband Output Path. This is the default configuration of the evaluation
board. R14 to R16 and R4, R5, and R13 are populated for appropriate balun interface.
R9, R10 and R11, R12 are not populated. Baseband outputs are taken from QHI and IHI.
The user can reconfigure the board to use full differential baseband outputs. R9 to R12
provide a means to bypass the 9:1 TCM9-1 transformer to allow for differential baseband
outputs. Access the differential baseband signals by populating R9 to R12 with 0 Ω and
not populating R4, R5, R13 to R16. This way the transformer does not need to be removed.
The baseband outputs are taken from the SMAs of Q_HI, Q_LO, I_HI, and I_LO.
R4, R5, R13 to R16 = 0 Ω (0402),
R9 to R12 = Open
L1, L2,
R7, R8
Input Biasing. Inductance and resistance sets the input biasing of the common base
input stage. Default value is 120 nH for operation above 50 MHz. For operation down to
30 MHz, L1 and L2 should be changed to 680 nH.
L1, L2 = 120 nH (0402)
R7, R8 = 0 Ω (0402)
T2, T3
IF Output Interface. TCM9-1 converts a differential high impedance IF output to a single-
ended output. When loaded with 50 Ω, this balun presents a 450 Ω load to the device.
The center tap can be decoupled through a capacitor to ground.
T2, T3 = TCM9-1, 9:1 (Mini-Circuits)
C12, C13
Decoupling Capacitors. C12 and C13 are the decoupling capacitors used to reject noise
on the center tap of the TCM9-1.
C12, C13 = 0.1 µF (0402)
R17
LO Input Interface. The LO is driven as a single-ended signal. Although, there is no
performance change for a differential signal drive, the option is available by placing a
transformer (T4, ETC1-1-13) on the LO input path.
R17 = 0 Ω (0402)
T1
RF Input Interface. ETC1-1-13 is a 1:1 RF balun that converts the single-ended RF input
to differential signal.
T1 = ETC1-1-13, 1:1 (M/A COM)
R2
RBIAS. Optional bias setting resistor. See the Bias Circuit section to see how to use this feature.
R2 = Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com