Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5387ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5387ACPZ-R2
Description  30 MHz to 2 GHz Quadrature Demodulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5387ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Data Sheet
ADL5387
Rev. C | Page 7 of 27
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, TA = 25°C, LO drive level = 0 dBm, RBIAS = open, unless otherwise noted.
20
15
10
5
0
0
200
400
600
800 1000 1200 1400 1600 1800 2000
RF FREQUENCY (MHz)
GAIN
INPUT P1dB
TA = +85°C
TA = +25°C
TA = –40°C
Figure 3. Conversion Gain and Input 1 dB Compression Point (IP1dB) vs.
RF Frequency
0
5
10
15
20
20
30
40
50
60
70
80
90
100 110
120 130
FREQUENCY (MHz)
INPUT P1dB
GAIN
TA = +85°C
TA = +25°C
TA = –40°C
Figure 4. Conversion Gain and Input 1 dB Compression Point (IP1dB) vs.
RF Frequency (Low Frequency Range)
80
70
50
30
60
40
20
10
0
200
400
600
800 1000 1200 1400 1600 1800 2000
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Q CHANNEL
I CHANNEL
INPUT IP3
(I AND Q CHANNELS)
INPUT IP2
Figure 5. Input Third-Order Intercept (IIP3) and
Input Second-Order Intercept Point (IIP2) vs. RF Frequency
10
20
30
40
50
60
70
80
20
30
40
50
60
70
80
90
100 110 120 130
FREQUENCY (MHz)
IIP2
IIP3
TA = –40°C
TA = +25°C
TA = +85°C
Figure 6. Input Third-Order Intercept (IIP3) and Input Second-Order Intercept
Point (IIP2) vs. RF Frequency (Low Frequency Range)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
200
400
600
800 1000 1200 1400 1600 1800 2000
RF FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 7. I/Q Gain Mismatch vs. RF Frequency
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
20
30
40
50
60
70
80
90
100 110 120 130
FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 8. I/Q Gain Mismatch vs. RF Frequency (Low Frequency Range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com