Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5387ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5387ACPZ-R2
Description  30 MHz to 2 GHz Quadrature Demodulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5387ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5387ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Data Sheet
ADL5387
Rev. C | Page 15 of 27
CIRCUIT DESCRIPTION
The ADL5387 can be divided into five sections: the local
oscillator (LO) interface, the RF voltage-to-current (V-to-I)
converter, the mixers, the differential emitter follower outputs,
and the bias circuit. A detailed block diagram of the device is
shown in Figure 49.
RFIP
RFIN
BIAS
DIVIDE-BY-TWO
QUADRATURE
PHASE SPLITTER
IHI
ILO
LOIP
LOIN
QHI
QLO
Figure 49. Block Diagram
The LO interface generates two LO signals at 90° of phase
difference to drive two mixers in quadrature. RF signals are
converted into currents by the V-to-I converters that feed into
the two mixers. The differential I and Q outputs of the mixers
are buffered via emitter followers. Reference currents to each
section are generated by the bias circuit. A detailed description
of each section follows.
LO INTERFACE
The LO interface consists of a buffer amplifier followed by a
frequency divider that generate two carriers at half the input
frequency and in quadrature with each other. Each carrier is
then amplified and amplitude-limited to drive the double-
balanced mixers.
V-TO-I CONVERTER
The differential RF input signal is applied to a resistively
degenerated common base stage, which converts the differential
input voltage to output currents. The output currents then
modulate the two half-frequency LO carriers in the mixer stage.
MIXERS
The ADL5387 has two double-balanced mixers: one for the
in-phase channel (I channel) and one for the quadrature channel
(Q channel). These mixers are based on the Gilbert cell design
of four cross-connected transistors. The output currents from
the two mixers are summed together in the resistive loads that
then feed into the subsequent emitter follower buffers.
EMITTER FOLLOWER BUFFERS
The output emitter followers drive the differential I and Q
signals off-chip. The output impedance is set by on-chip 25 Ω
series resistors that yield a 50 Ω differential output impedance
for each baseband port. The fixed output impedance forms a
voltage divider with the load impedance that reduces the effective
gain. For example, a 500 Ω differential load has 1 dB lower
effective gain than a high (10 kΩ) differential load impedance.
BIAS CIRCUIT
A band gap reference circuit generates the proportional-to-
absolute temperature (PTAT) as well as temperature-independent
reference currents used by different sections. The mixer current
can be reduced via an external resistor between the BIAS pin
and ground. When the BIAS pin is open, the mixer runs at
maximum current and hence the greatest dynamic range. The
mixer current can be reduced by placing a resistance to ground;
therefore, reducing overall power consumption, noise figure,
and IIP3. The effect on each of these parameters is shown in
Figure 14, Figure 17, and Figure 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com