Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7006 Datasheet(PDF) 39 Page - Microchip Technology

Part # USB7006
Description  6-Port USB 3.2 Gen 1 SmartHubTMController
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7006 Datasheet(HTML) 39 Page - Microchip Technology

Back Button USB7006 Datasheet HTML 35Page - Microchip Technology USB7006 Datasheet HTML 36Page - Microchip Technology USB7006 Datasheet HTML 37Page - Microchip Technology USB7006 Datasheet HTML 38Page - Microchip Technology USB7006 Datasheet HTML 39Page - Microchip Technology USB7006 Datasheet HTML 40Page - Microchip Technology USB7006 Datasheet HTML 41Page - Microchip Technology USB7006 Datasheet HTML 42Page - Microchip Technology USB7006 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00003715B-page 39
USB7006
9.4
Power Consumption
This section details the power consumption of the device as measured during various modes of operation. Power dis-
sipation is determined by temperature, supply voltage, and external source/sink requirements.
TABLE 9-2:
DEVICE POWER CONSUMPTION
Typical (mA) @ 25°C
Typical Power
VCORE (1.2V)
VDD33 (3.3V)
(mW)
Global Suspend
37
22
114
No VBUS
37
22
114
Reset/Standby
30
3.6
Data for Calculating Active Transfer Current
Upstream Port Link Speed Base Currents
SS + HS Upstream Connection
239
49
HS-Only Upstream Connection
63
45
Additional Current Per Active Enabled Port
SS Current
125
6
HS Current
1
4
Example Active Data Transfer Current Calculation: 2 SS Ports and 2 HS Ports
Active Data Transfer Current (mA @ 3.3V)
49mA + (NSS_PORTS * 6mA) + (NHS_PORTS * 4mA)
49mA + {2 * 6mA} + {2 * 4mA} = 69mA
Active Data Transfer Current (mA @ 1.2V) 239mA + (NSS_PORTS * 125mA) + (NHS_PORTS * 1mA)
239mA + {2 * 125mA} + {2 * 1mA} = 491mA
Note:
Actual Power Consumption measurements are highly dependent on the USB host’s ability to utilize the full
bandwidth of USB2 and USB3 channels. In actual in-system measurements, significant variation in power
consumption measurement from host to host and data transfer type is expected.
Note:
In the Active Idle and Active Data Transfer sections of the Device Power Consumption table, the various
port configurations are indicated via the following acronyms:
SS = USB 3.2 SuperSpeed (Gen 1)
HS = USB 2.0 High Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com