Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7006 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB7006
Description  6-Port USB 3.2 Gen 1 SmartHubTMController
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7006 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB7006 Datasheet HTML 6Page - Microchip Technology USB7006 Datasheet HTML 7Page - Microchip Technology USB7006 Datasheet HTML 8Page - Microchip Technology USB7006 Datasheet HTML 9Page - Microchip Technology USB7006 Datasheet HTML 10Page - Microchip Technology USB7006 Datasheet HTML 11Page - Microchip Technology USB7006 Datasheet HTML 12Page - Microchip Technology USB7006 Datasheet HTML 13Page - Microchip Technology USB7006 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
USB7006
DS00003715B-page 10
 2022 Microchip Technology Inc. and its subsidiaries
3.2
Pin Descriptions
This section contains descriptions of the various USB7006 pins. The “_N” symbol in the signal name indicates that the
active, or asserted, state occurs when the signal is at a low voltage level. For example, RESET_N indicates that the
reset signal is active low. When “_N” is not present after the signal name, the signal is asserted when at the high voltage
level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working with a mixture of
“active low” and “active high” signal. The term assert, or assertion, indicates that a signal is active, independent of
whether that level is represented by a high or low voltage. The term negate, or negation, indicates that a signal is inac-
tive.
The “If Unused” column provides information on how to terminate pins if they are unused in a customer design.
Buffer type definitions are detailed in Section 1.2, Buffer Types.
Note:
100kOhm is the recommended value any time a weak pull-down or pull-up resistor is called for.
TABLE 3-1:
PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
If Unused
USB 3.2 Gen 1 Interfaces
Upstream USB
3.2 Gen 1 TX D+
USB3UP_TXDP
I/O-U
Upstream USB 3.2 Gen 1 Transmit Data
Plus.
Float
Upstream USB
3.2 Gen 1 TX D-
USB3UP_TXDM
I/O-U
Upstream USB 3.2 Gen 1 Transmit Data
Minus.
Float
Upstream USB
3.2 Gen 1 RX D+
USB3UP_RXDP
I/O-U
Upstream USB 3.2 Gen 1 Receive Data
Plus.
Weak pull-
down to
GND
Upstream USB
3.2 Gen 1 RX D-
USB3UP_RXDM
I/O-U
Upstream USB 3.2 Gen 1 Receive Data
Minus.
Weak pull-
down to
GND
Downstream
Ports 1-5 USB
3.2 Gen 1 TX D+
USB3DN_TXDP[1:5]
I/O-U
Downstream SuperSpeed+ Transmit Data
Plus, ports 1 through 5.
Float
Downstream
Ports 1-5 USB
3.2 Gen 1 TX D-
USB3DN_TXDM[1:5]
I/O-U
Downstream SuperSpeed+ Transmit Data
Minus, ports 1 through 5.
Float
Downstream
Ports 1-5 USB
3.2 Gen 1 RX D+
USB3DN_RXDP[1:5]
I/O-U
Downstream SuperSpeed+ Receive Data
Plus, ports 1 through 5.
Weak pull-
down to
GND
Downstream
Ports 1-5 USB
3.2 Gen 1 RX D-
USB3DN_RXDM[1:5]
I/O-U
Downstream SuperSpeed+ Receive Data
Minus, ports 1 through 5.
Weak pull-
down to
GND
USB 2.0 Interfaces
Upstream USB
2.0 D+
USB2UP_DP
I/O-U
Upstream USB 2.0 Data Plus (D+).
Mandatory
Note 3-5
Upstream USB
2.0 D-
USB2UP_DM
I/O-U
Upstream USB 2.0 Data Minus (D-).
Mandatory
Note 3-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com