Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7006 Datasheet(PDF) 52 Page - Microchip Technology

Part # USB7006
Description  6-Port USB 3.2 Gen 1 SmartHubTMController
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7006 Datasheet(HTML) 52 Page - Microchip Technology

Back Button USB7006 Datasheet HTML 48Page - Microchip Technology USB7006 Datasheet HTML 49Page - Microchip Technology USB7006 Datasheet HTML 50Page - Microchip Technology USB7006 Datasheet HTML 51Page - Microchip Technology USB7006 Datasheet HTML 52Page - Microchip Technology USB7006 Datasheet HTML 53Page - Microchip Technology USB7006 Datasheet HTML 54Page - Microchip Technology USB7006 Datasheet HTML 55Page - Microchip Technology USB7006 Datasheet HTML 56Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
USB7006
DS00003715B-page 52
2022 Microchip Technology Inc. and its subsidiaries
Table 9-4
Updated treset min time to 1ms.
Table 9-6
Extended minimum RESET_N pulse from 5
µs
to 1ms. This is to provide additional buffer for
maximum process and operational variables
(i.e.: end application voltage and temperature
variations).
Table 9-7
Extended minimum tSMBUS_RDY pulse from
40ms to 100ms. This is to provide additional
buffer for maximum process and operational
variables (i.e.: end application voltage and
temperature variations).
Table 9-8
Extended minimum tATTACH_RDY from 5µs to
150ms. This is to provide additional buffer for
maximum process and operational variables
(i.e.: end application voltage and temperature
variations) as well as to account for additional
delays in tATTACH_RDY due to additional OTP
memory utilization (i.e.: Additional OTP con-
tent pre-programmed into USB7006 adds time
to device initialization after USB Attach com-
mand is issued)
DS00003715A(01-08-21)
Initial release
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision Level & Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com