Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDRC-75 Datasheet(PDF) 2 Page - CUI INC

Part # PDRC-75
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRC-75 Datasheet(HTML) 2 Page - CUI INC

  PDRC-75 Datasheet HTML 1Page - CUI INC PDRC-75 Datasheet HTML 2Page - CUI INC PDRC-75 Datasheet HTML 3Page - CUI INC PDRC-75 Datasheet HTML 4Page - CUI INC PDRC-75 Datasheet HTML 5Page - CUI INC PDRC-75 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 04/27/2021
│ page 2 of 6
CUI Inc
│ SERIES: PDRC-75 │ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
120
264
375
Vac
Vdc
frequency
47
63
Hz
current
at 90 Vac, full load
5 Vdc output model
12, 15 output model
24 Vdc output model
1.5
1.7
2.2
A
A
A
inrush current
at 115 Vac, full load
at 230 Vac, full load
30
60
A
A
leakage current
input to output
0.25
mA
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
at Vi nom, full load
3,500
µF
initial set point accuracy
±1
%
line regulation
at full load, V in min to V in max
±1
%
load regulation
at Vi nom, 0~100% load
±1
%
adjustability
via built in trim pot, 0.8 A load
5 Vdc output model
12 Vdc output model
15 Vdc output model
24 Vdc output model
24 Vdc output model (PDRC-75-24-2)
5
12
13.5
24
20
5.5
14
16.5
28
24.2
Vdc
Vdc
Vdc
Vdc
Vdc
rated continuous loading at
max trim voltage
5 Vdc output model (5.5 Vdc)
12 Vdc output model (14.0 Vdc)
15 Vdc output model (16.5 Vdc)
24 Vdc output model (28.0 Vdc)
24 Vdc output model (PDRC-75-24-2) (24.2 Vdc)
10.5
5.1
4.5
3.6
3.7
A
A
A
A
A
start-up time
at Vi nom, full load
at Vi nom, full load with max capacitive load
1.0
1.5
s
s
rise time
at Vi nom, full load
at Vi nom, full load with max capacitive load
150
500
ms
ms
hold-up time
5, 12 Vdc output models
at 115 Vac, full load
at 230 Vac, full load
16
60
ms
ms
15, 24 Vdc output models
at 115 Vac, full load
at 230 Vac, full load
12
60
ms
ms
fall time
at Vi nom, full load
150
ms
transient recovery time
at Vi nom, 100~50% load
2
ms
switching frequency
at Vi nom, full load
35
45
kHz
temperature coefficient
±0.03
%/°C
power back immunity
at Vi nom, full load, for 1 second
5 Vdc output model
12 Vdc output model
15 Vdc output model
24 Vdc output model
7.5
18
22
35
Vdc
Vdc
Vdc
Vdc
DC ON indicator threshold at
start-up (GREEN)
5 Vdc output model
12 Vdc output model
15 Vdc output model
24 Vdc output model
3.5
9.0
11.0
19.2
4.5
10.8
13.5
21.6
Vdc
Vdc
Vdc
Vdc
DC LOW indicator threshold
after start-up (RED)
5 Vdc output model
12 Vdc output model
15 Vdc output model
24 Vdc output model
3.5
9.0
11.0
19.2
4.5
10.8
13.5
21.6
Vdc
Vdc
Vdc
Vdc
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com