Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDRC-75 Datasheet(PDF) 3 Page - CUI INC

Part # PDRC-75
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRC-75 Datasheet(HTML) 3 Page - CUI INC

  PDRC-75 Datasheet HTML 1Page - CUI INC PDRC-75 Datasheet HTML 2Page - CUI INC PDRC-75 Datasheet HTML 3Page - CUI INC PDRC-75 Datasheet HTML 4Page - CUI INC PDRC-75 Datasheet HTML 5Page - CUI INC PDRC-75 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
date 04/27/2021
│ page 3 of 6
CUI Inc
│ SERIES: PDRC-75 │ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
at Vi nom, full load, auto recovery
5 Vdc output model
12 Vdc output model
15 Vdc output model
24 Vdc output model
24 Vdc output model (PDRC-75-24-2)
5.75
15
18
30
24.5
6.5
16.5
20
33
25.5
Vdc
Vdc
Vdc
Vdc
Vdc
over current protection
fold forward (see curve)
24 Vdc output model (PDRC-75-24-2)
all other models
102
110
108
150
%
%
short circuit protection
fold forward
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
3,000
4,242
Vac
Vdc
isolation resistance
input to output at 500 Vdc
100
MΩ
safety approvals5
UL 508, UL 1310, UL/EN 62368-1
ISA 12.12.01 (Class I, Div 2, Groups A~D)
safety class
class I
EMI/EMC
EN 55032 Class B, EN 55024, ENV 50204,
EN 61204-3, EN 61000-3-2, EN 61000-3-3,
EN 61000-6-2, EN 61000-6-3, EN 61000-4-2,
EN 61000-4-3, EN 61000-4-4, EN 61000-4-5,
EN 61000-4-6, EN 61000-4-8, EN 61000-4-11
pollution degree
2
degree of protection
IP20
MTBF
as per Bellcore Issue 6 at 40 °C, GB
5 Vdc output model
12 Vdc output model
15 Vdc output model
24 Vdc output model
24 Vdc output model (PDRC-75-24-2)
610,000
578,000
581,000
554,000
583,000
hours
hours
hours
hours
hours
RoHS
yes
Notes:
5. Model PDRC-75-24-2 is only model that is UL 1310 certified.
6. The power supply is considered a component which will be installed into final equipment. The final equipment still must be tested to meet the necessary EMC directives.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
71
°C
storage temperature
-40
85
°C
humidity
non-condensing
20
95
%
altitude
IEC 60068-2-13
4,850
m
vibration
meets IEC 60068-2-6 (Mounting on rail: 10~500
Hz, 2 G, along X,Y,Z axis, for 60 minutes on each
axis)
shock
meets IEC 60068-2-27 (15 G, 11 ms, 3 axis, 6
faces, 3 times for each face)
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com