Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDRC-75 Datasheet(PDF) 4 Page - CUI INC

Part # PDRC-75
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRC-75 Datasheet(HTML) 4 Page - CUI INC

  PDRC-75 Datasheet HTML 1Page - CUI INC PDRC-75 Datasheet HTML 2Page - CUI INC PDRC-75 Datasheet HTML 3Page - CUI INC PDRC-75 Datasheet HTML 4Page - CUI INC PDRC-75 Datasheet HTML 5Page - CUI INC PDRC-75 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date 04/27/2021
│ page 4 of 6
CUI Inc
│ SERIES: PDRC-75 │ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
units: mm [inch]
tolerance:
X≤30.00: ±0.30 [±0.01]
30.00<X≤120.00: ±0.50 [±0.02]
unless otherwise noted
TERMINAL
CONNECTIONS
TERMINAL
Function
1
V-
2
V-
3
V+
4
V+
5
L
6
N
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
91.00 x 90.00 x 57.00 (3.58 x 3.54 x 2.24 inches)
mm
material
plastic
weight
380
g
cooling
natural convection
input/output connector
accepts 24~12 AWG wire
MECHANICAL DRAWING
INSTALLATION
DIN RAIL
TS35/7.5 or TS35/15
Cable
flexible/solid, copper conductors
only, 60/75°C
Wire Range
24~12 AWG
(0.2~2.5 mm2)
Strip Length
7 mm
Screw Torque
6 lb·in
Position
Vertical
Cooling
Natural convection, 25 mm
clearance on all sides
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com