Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010SCPZN-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL6010SCPZN-R2
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010SCPZN-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL6010SCPZN-R2 Datasheet HTML 14Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 15Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 16Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 17Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 18Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 19Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 20Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 21Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ADL6010
Data Sheet
Rev. E | Page 18 of 23
Multipoint calibration can be used to further improve accuracy
and extend the dynamic range. The transfer function is now
broken into segments, with each having its own slope and
intercept. Thus, Figure 43 shows the error plot of the same test
device with calibration input points of −28 dBm, −10 dBm, and
+10 dBm. The three point, dual slope calibration results in
tighter error bounds over the high end of the range and extends
the lower measurement range to −30 dBm for ±1 dB error.
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
15
5
–5
–15
–25
20
10
0
–10
–20
–30
CALIBRATION AT –28dBm, –10dBm, AND +10dBm
Figure 43. Conformance Error and Output Voltage vs. RF Input Power (PIN)
and Temperature (−55°C, −40°C, +25°C, +85°C, +125°C) at 10 GHz
Using Three Point Calibration
For the device shown in Figure 43, the change in error with
temperature is very small over the upper 25 dB of the
measurement range, being ±0.4 dB, and widens at lower power
levels, reaching ±0.9 dB over the −10 dBm to −20 dBm segment.
High volume production samples may perform better.
For comparison, the three point calibration of a second device
is shown in Figure 44 using the same frequency and calibration
points. This sample has greater dynamic range, and the
temperature dependence of error at lower power levels is
inverted relative to the first device.
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
15
5
–5
–15
–25
20
10
0
–10
–20
–30
CALIBRATION AT –28dBm, –10dBm, AND +10dBm
Figure 44. 10 GHz Conformance Error and Output Voltage vs. RF Input Power
(PIN) for Second Device at +25°C, −40°C, −55°C, +85°C, and +125°C
Figure 45 shows the conformance error at 10 GHz for four
devices at +25°C, −40°C, and +85°C using a three point
calibration at input levels of −28 dBm, −10 dBm, and +10 dBm.
The error plots at each temperature were calculated with
respect to the slope and intercept values extracted from the
25°C line in each case. This calculation is consistent with a typical
production scenario where calibration at only one temperature
is used. Figure 45 illustrates the various error scenarios possible
at low input levels. The dynamic range of the three point
calibrated devices extends to −30 dBm for ±1.0 dB error at
25°C.
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–40°C
+25°C
+85°C
15
5
–5
–15
–25
20
10
0
–10
–20
–30
CALIBRATION AT –28dBm, –10dBm, AND +10dBm
Figure 45. 10 GHz Conformance Error and Output Voltage vs. RF Input Power
(PIN) at +25°C, +85°C, and −40°C for Multiple Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com