Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010SCPZN-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL6010SCPZN-R2
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010SCPZN-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL6010SCPZN-R2 Datasheet HTML 15Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 16Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 17Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 18Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 19Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 20Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 21Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 22Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Data Sheet
ADL6010
Rev. E | Page 23 of 23
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package
Option
Ordering
Quantity
Marking
Code
ADL6010ACPZN
−40°C to +85°C
6-Lead Lead Frame Chip Scale Package [LFCSP]
CP-6-7
1
C1
ADL6010ACPZN-R2
−40°C to +85°C
6-Lead Lead Frame Chip Scale Package [LFCSP]
CP-6-7
250
C1
ADL6010ACPZN-R7
−40°C to +85°C
6-Lead Lead Frame Chip Scale Package [LFCSP]
CP-6-7
3000
C1
ADL6010SCPZN
−55°C to +125°C
6-Lead Lead Frame Chip Scale Package [LFCSP]
CP-6-7
1
Q23
ADL6010SCPZN-R2
−55°C to +125°C
6-Lead Lead Frame Chip Scale Package [LFCSP]
CP-6-7
250
Q23
ADL6010SCPZN-R7
−55°C to +125°C
6-Lead Lead Frame Chip Scale Package [LFCSP]
CP-6-7
3000
Q23
ADL6010-CHIPS
−40°C to +85°C
6-Pad Bare Die [CHIP]
CP-6-14
50
ADL6010-EVALZ
Evaluation Board
1
1
Z = RoHS Compliant Part.
©2014–2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D11617-4/20(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com