Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010SCPZN-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL6010SCPZN-R2
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010SCPZN-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL6010SCPZN-R2 Datasheet HTML 15Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 16Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 17Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 18Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 19Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 20Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 21Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 22Page - Analog Devices ADL6010SCPZN-R2 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ADL6010
Data Sheet
Rev. E | Page 20 of 23
EVALUATION BOARD
The ADL6010-EVALZ is a fully populated, 4-layer, Rogers
4003-based evaluation board. For normal operation, it only
requires a 5 V supply connected to VPOS and GND. The RF
input signal is accepted at a high performance 2.92 mm
connector (RFIN). The output voltage is available on the SMA
connector (VOUT) or on the test loop (V_OUT). Configuration
options for the evaluation board are listed in Table 4.
RFIN
RFCM
RFIN
RFCM
PAD
VPOS
VOUT
COMM
VOUT
C1
DNI
C2
DNI
R1
100Ω
GND
VPOS
C4
100pF
C3
0.1µF
R2
100Ω
4
5
3
2
1
ADL6010
6
V_OUT
Figure 47. ADL6010 Evaluation Board Schematic
Table 4. Evaluation Board Configuration Options
Component
Function/Comments
Default Value
R1, R2
Output interfaces. Use a 100 Ω series resistor when driving highly capacitive loads. R2 can be
replaced with a 0 Ω resistor.
R1 = 100 Ω (0402 size),
R2 = 100 Ω (0402 size)
C1, C2
Output load capacitors. Capacitive load at the output that provides the option of tailoring the
RF burst response time. The pads of the capacitors are left open by default.
C1, C2 = open
C3, C4
Bypass capacitors. The capacitors provide supply ac decoupling by forming a return path for the
ac signal and reducing the noise reaching the input circuitry. The typical value is 0.1 µF.
C3 = 0.1 µF (0402 size),
C4 = 100 pF (0402 size)
RFIN
RF input. Southwest Microwave 2.92 mm connector is used for input interface. To prevent the
potential damage of the connectors, 2.92 mm (K type) cables are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com