Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1621ARMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1621ARMZ-R7
Description  Constant-Frequency, Current-Mode Step-Up DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1621ARMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1621ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADP1621
Data Sheet
Rev. D | Page 8 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
100
30
0.01
10
LOAD CURRENT (A)
90
80
70
60
50
40
0.1
1
TA = 25°C
fSW = 220kHz
VIN = 3.3V
VOUT = 5V
Figure 5. Efficiency vs. Load Current
CH1 20mV
CH2 2V
M2µs
A CH2
2.6V
1
2
TA = 25°C
VIN = 3.3V
VOUT = 5V
LOAD = 1A
VOUT RIPPLES @ 5V
AC-COUPLED
CH2 = GATE
Figure 6. Output Voltage Ripple of the Circuit Shown in Figure 1
1.21605
1.21575
2.5
6.0
VIN (V)
TA =25°C
1.21600
1.21595
1.21590
1.21585
1.21580
3.0
3.5
4.0
4.5
5.0
5.5
Figure 7. VFB vs. VIN
92
84
100
SWITCHING FREQUENCY (kHz)
91
90
89
88
87
86
85
300
500
700
900
1100
1300
1500
TA = 25°C
VIN = 3.3V
VOUT = 5V
LOAD = 1A
LOAD = 0.5A
Figure 8. Efficiency vs. Switching Frequency
100
0.00001
07
SUPPLY VOLTAGE (V)
TA = 25°C
NO SWITCHING
10
1
0.1
0.01
0.001
0.0001
12345
6
IIN
IPIN
Figure 9. Supply Current vs. Supply Voltage
2.5
0
1.17
1.29
VFB (V)
TA = 25°C
VIN = 5V
2.0
1.5
1.0
0.5
1.19
1.21
1.23
1.25
1.27
Figure 10. VCOMP vs. VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com