Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1621ARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1621ARMZ-R7
Description  Constant-Frequency, Current-Mode Step-Up DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1621ARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1621ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADP1621
Data Sheet
Rev. D | Page 10 of 32
250
0
–40
160
CS LEAKAGE (nA)
VIN = 5V
CS = 30V
200
150
100
50
10
60
110
Figure 17. Temperature vs. CS Leakage
8
–16
–50
150
TEMPERATURE (°C)
4
0
–4
–8
–12
0
50
100
VFB = 1.2113V AT 25°C
FB BIAS CURRENT IS MEASURED
BY FORCING A CONSTANT 1.2113V
OVER THE TEMPERATURE RANGE.
Figure 18. FB Bias Current vs. Temperature
90
0
1.0
fSYNC/fOSC
2.2
fOSC = 200kHz
fOSC = 550kHz
80
70
60
50
40
30
20
10
1.2
1.4
1.6
1.8
2.0
Figure 19. Slope-Compensation Current vs. fSYNC/fOSC
1.6
0
–50
150
TEMPERATURE (°C)
050
100
1.4
1.2
1.0
0.8
0.6
0.4
0.2
VIN = 5V
SDSN = 0V
Figure 20. Shutdown IN Current vs. Temperature
1.2165
1.2120
–50
150
TEMPERATURE (°C)
050
100
VIN = 5V
SDSN = 0V
1.2160
1.2155
1.2150
1.2145
1.2140
1.2135
1.2130
1.2125
Figure 21. FB Voltage vs. Temperature
CH1 5V
CH2 5V
CH4 500mAΩ
M2µs
A CH1
2.9V
1
2
4
TA = 25°C
VIN = 3.3V
VOUT = 5V
LOAD = 0.1A
DCM OPERATION
CH1 = GATE
CH4 = INDUCTOR CURRENT
CH2 = DRAIN VOLTAGE
Figure 22. DCM Switching Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com