Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1621ARMZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1621ARMZ-R7
Description  Constant-Frequency, Current-Mode Step-Up DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1621ARMZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1621ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADP1621ARMZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
ADP1621
Rev. D | Page 11 of 32
CH1 5V
CH2 5V
CH4 500mAΩ
M2µs
A CH1
2.9V
1
2
4
TA = 25°C
VIN = 3.3V
VOUT = 5V
LOAD = 0.3A
CCM OPERATION
CH1 = GATE
CH4 = INDUCTOR CURRENT
CH2 = DRAIN VOLTAGE
Figure 23. CCM Switching Waveform
CH1 1V
CH3 5V
CH2 5V
M2ms
A CH1
4.5V
1
2
3
TA = 25°C
VIN = 3.3V
VOUT = 5V
fSW = 220kHz
SOFT-START = 9.3ms
CH3 = GATE
CH1 = VOUT
CH2 = SDSN
Figure 24. Soft Start Waveform
CH1 50mV
CH2 2V
M400µs
A CH2
3.8V
2
1
TA = 25°C
VOUT = 5V
LOAD AT VOUT = 1A
CH1 = VOUT, AC-COUPLED
CH2 = VIN FROM 3V TO 4V
Figure 25. Line Transient Response of the Configuration Shown in Figure 1
with a 1 A Load
CH1 50mV
CH4 1AΩ
M200µs
A CH4
700V
1
4
TA = 25°C
VIN = 3.3V
VOUT = 5V
LOAD CURRENT
FROM 0.2A TO 1.2A
OUTPUT, AC-COUPLED
Figure 26. Load Transient Response of the Circuit Shown in Figure 1
CH1 50mV
CH2 2V
M400µs
A CH2
3.8V
2
1
TA = 25°C
VOUT = 5V
NO LOAD AT VOUT
CH1 = VOUT, AC-COUPLED
CH2 = VIN FROM 3V TO 4V
Figure 27. Line Transient Response of the Configuration Shown in Figure 1
with No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com