Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1031ACPZ-3-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP1031ACPZ-3-R7
Description  Three-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1031ACPZ-3-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP1031ACPZ-3-R7 Datasheet HTML 22Page - Analog Devices ADP1031ACPZ-3-R7 Datasheet HTML 23Page - Analog Devices ADP1031ACPZ-3-R7 Datasheet HTML 24Page - Analog Devices ADP1031ACPZ-3-R7 Datasheet HTML 25Page - Analog Devices ADP1031ACPZ-3-R7 Datasheet HTML 26Page - Analog Devices ADP1031ACPZ-3-R7 Datasheet HTML 27Page - Analog Devices ADP1031ACPZ-3-R7 Datasheet HTML 28Page - Analog Devices ADP1031ACPZ-3-R7 Datasheet HTML 29Page - Analog Devices ADP1031ACPZ-3-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
ADP1031
Data Sheet
Rev. A | Page 26 of 38
INVERTING REGULATOR
Inverting Regulator Operation
The inverting, dc-to-dc regulator in the ADP1031 uses a current
mode controlled scheme, operating at a fixed frequency set by
an internal oscillator. Current mode uses a fast inner current
controlled loop to regulate the peak inductor current and a slower
outer loop to adjust the current loop to regulate the output voltage.
At the start of each oscillator cycle, the high-side MOSFET switch
turns on, applying the input voltage to one end of the inductor,
which normally causes the inverting regulator inductor current
(IINV_INDUCTOR) to increase until the current sense signal crosses
the peak inductor current threshold that turns off the MOSFET
switch. The error amplifier output sets this threshold. During the
high-side MOSFET off time, the inductor current declines through
the low-side MOSFET switch until either the next oscillator
clock pulse starts a new cycle, which results in CCM operation, or
the inductor current reaches zero, the low-side MOSFET switch
is turned off, and the control system waits for the next oscillator
clock pulse to start a new cycle, resulting in DCM operation.
Under light load conditions, the regulator can skip pulses to
maintain regulation and increase power conversion efficiency.
Inverting Regulator UVLO
The inverting, dc-to-dc regulator of the ADP1031 features an
internal UVLO circuit that monitors the input voltage to the
regulator or VOUT1. If the voltage at VOUT1 drops below the
internal threshold level of 4.5 V, the regulator turns off. If the
output of VOUT1 rises above the internal threshold, the
regulator soft start period initiates, and the regulator enables.
Inverting Regulator Soft Start
The inverting, dc-to-dc regulator in the ADP1031 includes soft
start circuitry that ramps the output voltage in a controlled
manner during startup, thereby limiting the inrush current.
Inverting Regulator Current-Limit Protection
The inverting, dc-to-dc regulator in the ADP1031 includes a
current-limit protection circuit to limit the amount of forward
current through the high-side MOSFET switch. The inductor peak
current is monitored cycle by cycle to detect an overload condition.
When the overload condition occurs, the current-limit protection
limits the peak inductor current to ILIM (INVERTER), resulting in a
drop in the output voltage.
Inverting Regulator OVP
The inverting, dc-to-dc regulator of the ADP1031 features an
OVP circuit that monitors the voltage on the FB3 pin. If the
voltage on this pin falls below VFB3 by 10%, the inverting regulator
stops switching until the voltage rises above the threshold again.
Inverting Regulator Active Pull-Down Resistor
The inverting regulator has an active pull-down resistor that
discharges the output capacitor when the output of VOUT1 is
between 1.23 V and 4.5 V. The pull-down resistor connects
between VOUT3 and SGND2.
POWER GOOD
The ADP1031 provides a push pull, power-good output to
indicate when the three isolated output voltage rails are valid.
The PWRGD pin pulls high when the voltages on the three
supplies are within the respective power-good threshold limits.
POWER-UP SEQUENCE
The power-up sequence is as follows (see Figure 66):
1. The flyback regulator powers up first (see 1 in Figure 66).
2. When VOUT1 rises above the lower power-good threshold
(VPG_FLYBACK_LL), the buck regulator turns on (see 2 in Figure 66).
3. When the buck regulator output (VOUT2) rises above the
lower power-good threshold (VPG_BUCK_LL), the inverting
regulator turns on (see 3 in Figure 66).
4. PWRGD is driven high when the inverting regulator output
(VOUT3) is below the power-good threshold,
VPG_INVERTER_LL (see 4 in Figure 66).
5. If any of the three analog supplies move outside the power-
good threshold ranges, PWRGD drives low after a short
deglitch delay (see 5 in Figure 66).
0V
HIGH
LOW
PWRGD
VOUT3
VOUT2
VINP
2
5
4
3
1
VOUT1
VPG_FLYBACK_UL
VPG_FLYBACK_LL
VPG_BUCK_LL
VPG_INVERTER_LL
Figure 66. Power-Up Sequencing and PWRGD
OSCILLATOR AND SYNCHRONIZATION
A phase-locked loop (PLL)-based oscillator generates the internal
clock for the flyback, buck, and inverter regulators and offers an
internally generated frequency or external clock synchronization.
Connect the SYNC pin as describe in Table 11 to configure the
switching frequency. For external synchronization, connect the
SYNC pin to a suitable clock source. The PLL locks to an input
clock within the range specified by fSYNC.
Table 11. Sync Pin Functionality
Switching Frequency (fSW)
SYNC Pin State, fSYNC
Flyback
Buck
Inverter
Low or High
250 kHz
125 kHz
125 kHz
350 kHz to 750 kHz
fSYNC ÷ 2
fSYNC ÷ 4
fSYNC ÷ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com