| Electronic Components Datasheet Search |
|
ADP1031ACPZ-3-R7 Datasheet(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1031ACPZ-3-R7 Datasheet(HTML) 28 Page - Analog Devices |
|
28 / 38 page ![]() ADP1031 Data Sheet Rev. A | Page 28 of 38 MSS MCK MO MI MSS1 MSS4 MSS3 MSS2 SSS SCK SI SO MCK MO MI TO CHANNEL 5 THROUGH CHANNEL 8 MSS MCK MO MI CHANNEL 2 MSS MCK MO MI CHANNEL 3 MSS MCK MO MI CHANNEL 4 CHANNEL 1 SSS SCK SI SO SSS SCK SI SO SSS SCK SI SO Figure 69. Multichannel SPI Muxing Scheme The MI, SCK, and SI outputs are also tristated when MSS is high (see Table 13) to allow a more flexible design and to avoid the requirement for external multiplexing of MI in a multichannel system. Figure 69 shows how the SPI busses from multiple ADP1031 devices can be connected together. Table 13. SPI MSS Gating Parameter MSS High MSS Low SSS High Low SCK Tristate MCK SI Tristate MO MI Tristate SO Connect a pull-up or pull-down resistor to MI, SCK, and SI to pull these pins to the desired logic state when MSS is high. GPIO Data Channels The general-purpose data channels are provided as space-saving isolated datapaths where timing is not critical. The dc value of all low speed general-purpose inputs, on a given side of the device, are sampled simultaneously, packetized, and shifted across a single isolation coil. The process is then reversed by reading the inputs on the opposite side of the device, packetizing the inputs and sending these inputs back for similar processing. Because of the sampled nature of this process, the general- purpose data channels exhibit a sampling uncertainty that resembles 19.5 µs peak jitter. For proper operation of the GPIO channels, refer to Table 14. Power both MVDD and SVDD2 within the specified input voltage range for these pins. Table 14. Truth Table for GPIO Channels MVDD State SVDD2 State xGPIx MGPOx SGPOx Test Conditions/Comments Unpowered Powered Don’t care Low Low During startup Powered Unpowered Don’t care Low Low During startup Powered Powered High High High Normal operation Powered Powered Low Low Low Normal operation Powered Powered to Unpowered Don’t care Hold Low Hold means that the current state of the outputs are preserved Powered to Unpowered Powered Don’t care Low Hold Hold means that the current state of the outputs are preserved |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |