Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1031ACPZ-3-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP1031ACPZ-3-R7
Description  Three-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1031ACPZ-3-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP1031ACPZ-3-R7 Datasheet HTML 23Page - Analog Devices ADP1031ACPZ-3-R7 Datasheet HTML 24Page - Analog Devices ADP1031ACPZ-3-R7 Datasheet HTML 25Page - Analog Devices ADP1031ACPZ-3-R7 Datasheet HTML 26Page - Analog Devices ADP1031ACPZ-3-R7 Datasheet HTML 27Page - Analog Devices ADP1031ACPZ-3-R7 Datasheet HTML 28Page - Analog Devices ADP1031ACPZ-3-R7 Datasheet HTML 29Page - Analog Devices ADP1031ACPZ-3-R7 Datasheet HTML 30Page - Analog Devices ADP1031ACPZ-3-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Data Sheet
ADP1031
Rev. A | Page 27 of 38
THERMAL SHUTDOWN
If the ADP1031 junction temperature rises above TSHDN, the
thermal shutdown circuit turns the flyback regulator off.
Extreme junction temperatures can be the result of prolonged
high current operation, poor circuit board design, and/or high
ambient temperatures. When thermal shutdown occurs, hysteresis
is included so that the ADP1031 does not return to operation until
the on-chip temperature drops below TSHDN − THYS. When resuming
from thermal shutdown, the ADP1031 performs a soft start.
DATA ISOLATION
High Speed SPI Channels
The ADP1031 has four high speed channels. The first three, CLK,
MI/SO, and MO/SI (the slash indicates the connection of the input
and output forming a datapath across the isolator that corresponds to
an SPI bus signal) are optimized for low propagation delay.
With a maximum propagation delay of 15 ns, the ADP1031
supports read and write clock rates up to 16.6 MHz in the standard
4-wire SPI. However, the total round trip delay of the system
determines the maximum clock rate and is less than that value.
The relationship between the SPI signal paths, the ADP1031 pin
mnemonics, and the data directions are detailed in Table 12.
Table 12. Correspondence of the Pin Mnemonics to the SPI
Signal Path Names
SPI Signal Path
Master Side
Data Direction
Slave Side
CLK
MCK
SCK
MO/SI
MO
SI
MI/SO
MI
SO
SS
MSS
SSS
The datapaths are SPI mode agnostic. The CLK and MO/SI SPI
datapaths are optimized for propagation delay and channel to
channel matching. The MI/SO SPI datapath is optimized for
propagation delay. The device does not synchronize to the clock
channels. Therefore, there are no constraints on the clock
polarity or timing with respect to the data lines.
SS (slave select bar) is an active low signal. To save power in a
multichannel system, SS puts the other SPI isolator channels in
a low power state when the channels are not in use (SS = high),
and these channels are only active when required, which is
when SS is low. The clock and data channels are gated to the SS
as shown in Figure 67. However, this power saving mode adds
100 ns of latency. This latency is the time required for the internal
circuitry to wake up from the low power state and to start
transmitting data to the isolation barrier. Conversely, the
latency is the delay from the falling edge of MSS to the first
clock edge or data edge that appears on the slave side, as shown
in Figure 68.
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
MSS
MCK
MO
MI
SSS
SCK
SI
SO
Figure 67. iCoupler Gating
SSS
SCK, SI, MI
MCK, MO, SO
HIGH IMPEDANCE
ADD A PULL HIGH OR PULL LOW RESISTOR
TO HAVE A KNOWN STATE WHEN MSS IS HIGH.
LATENCY = MSS FALLING EDGE TO SCK, SI, MI STARTS SENDING DATA (EXIT TO HIGH IMPEDANCE MODE).
tPW = MCK, MO, SO PULSE WIDTH.
tP1 = MSS TO SSS PROPAGATION DELAY.
tP2 = MCK TO SCK, MO TO SI, SO TO MI PROPAGATION DELAY.
tP3 = MSS RISING EDGE TO SCK, SI, MI RETURN TO HIGH IMPEDANCE STATE. SAME AS tP1.
MSS
tP1
tP2
tPW
SPI
ACTIVATION
(LATENCY)
SPI TRANSMIT
tP3
Figure 68. SPI Isolators Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com