Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8834ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADN8834ACPZ-R2
Description  Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8834ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADN8834ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Data Sheet
ADN8834
Rev. B | Page 5 of 27
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
TEC CURRENT MEASUREMENT (WLCSP)
Current Sense Gain
R
CS
V
PVIN = 3.3 V
0.525
V/A
V
PVIN = 5 V
0.535
V/A
Current Measurement Accuracy
I
LDR_ERROR
700 mA ≤ I
LDR ≤ 1.5 A, VPVIN = 3.3 V
−10
+10
%
800 mA ≤ I
LDR ≤ 1.5 A, VPVIN = 5 V
−10
+10
%
ITEC Voltage Accuracy
V
ITEC_@_700_mA
V
PVIN = 3.3 V, cooling, VVREF/2 +
I
LDR × RCS
1.597
1.618
1.649
V
V
ITEC_@_−700_mA
V
PVIN = 3.3 V, heating, VVREF/2 −
I
LDR × RCS
0.846
0.883
0.891
V
V
ITEC_@_800_mA
V
PVIN = 5 V, cooling, VVREF/2 + ILDR × RCS
1.657
1.678
1.718
V
V
ITEC_@_−800_mA
V
PVIN = 5 V, heating, VVREF/2 − ILDR × RCS
0.783
0.822
0.836
V
TEC CURRENT MEASUREMENT (LFCSP)
Current Sense Gain
R
CS
V
PVIN = 3.3 V
0.525
V/A
V
PVIN = 5 V
0.525
V/A
Current Measurement Accuracy
I
LDR_ERROR
700 mA ≤ I
LDR ≤ 1 A, VPVIN = 3.3 V
−15
+15
%
800 mA ≤ I
LDR ≤ 1 A, VPVIN = 5 V
−15
+15
%
ITEC Voltage Accuracy
V
ITEC_@_700_mA
V
PVIN = 3.3 V, cooling, VVREF/2 + ILDR ×
R
CS
1.374
1.618
1.861
V
V
ITEC_@_−700_mA
V
PVIN = 3.3 V, heating, VVREF/2 − ILDR ×
R
CS
0.750
0.883
1.015
V
V
ITEC_@_800_mA
V
PVIN = 5 V, cooling, VVREF/2 + ILDR ×
R
CS
1.419
1.678
1.921
V
V
ITEC_@_−800_mA
V
PVIN = 5 V, heating, VVREF/2 − ILDR ×
R
CS
0.705
0.830
0.955
V
ITEC Voltage Output Range
V
ITEC
I
TEC = 0 A
0
V
VREF
0.05
V
ITEC Bias Voltage
V
ITEC
I
LDR = 0 A
1.210
1.250
1.285
V
Maximum ITEC Output Current
I
ITEC
−2
+2
mA
TEC VOLTAGE MEASUREMENT
Voltage Sense Gain
A
VTEC
0.24
0.25
0.26
V/V
Voltage Measurement Accuracy
V
VTEC_@_1_V
V
LDR – VSFB = 1 V, VVREF/2 + AVTEC ×
(V
LDR – VSFB)
1.475
1.50
1.525
V
VTEC Output Voltage Range
V
VTEC
0.005
2.625
V
VTEC Bias Voltage
V
VTEC_B
V
LDR = VSFB
1.225
1.250
1.285
V
Maximum VTEC Output Current
R
VTEC
−2
+2
mA
TEMPERATURE GOOD (LFCSP Only)
TMPGD Low Output Voltage
V
TMPGD_LO
No load
0.4
V
TMPGD High Output Voltage
V
TMPGD_HO
No load
2.0
V
TMPGD Output Low Impedance
R
TMPGD_LOW
25
TMPGD Output High Impedance
R
TMPGD_LOW
50
High Threshold
V
OUT1_THH
IN2N tied to OUT2, V
IN2P = 1.5 V
1.54
1.56
V
Low Threshold
V
OUT1_THL
IN2N tied to OUT2, V
IN2P = 1.5 V
1.40
1.46
V
INTERNAL SOFT START
Soft Start Time
t
SS
150
ms
VLIM/SD SHUTDOWN
VLIM/SD Low Voltage Threshold
V
VLIM/SD_THL
0.07
V
THERMAL SHUTDOWN
Thermal Shutdown Threshold
T
SHDN_TH
170
°C
Thermal Shutdown Hysteresis
T
SHDN_HYS
17
°C
1 This specification is guaranteed by design.
2 This specification is guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com