Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8834ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN8834ACPZ-R2
Description  Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8834ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN8834ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
ADN8834
Data Sheet
Rev. B | Page 10 of 27
–20
–15
–10
–5
0
5
10
15
20
0.5
1.0
1.5
2.0
2.5
TEC VOLTAGE (V)
VIN = 3.3V
VIN = 5V
Figure 16. VTEC Voltage Reading Error vs. TEC Voltage in Cooling Mode
–
20
–
15
–
10
–
5
0
5
10
15
20
–2.5
–2.0
–1.5
–1.0
–0.5
TEC VOLTAGE (V)
VIN = 3.3V
VIN = 5V
Figure 17. VTEC Voltage Reading Error vs. TEC Voltage in Heating Mode
CH1 500mV
CH2 500mV
M200ms
A CH4
–108mA
T
–28.000ms
B
W
B
W
CH4 200mA
Ω BW
4
1
PWM (TEC–)
TEC CURRENT
LDO (TEC+)
Figure 18. Cooling to Heating Transition
4
1
CH1 500mV
CH2 500mV
M10ms
A CH4
–8mA
T
5.4ms
B
W
B
W
CH3 300mA
Ω BW
PWM (TEC–)
TEC CURRENT
LDO (TEC+)
Figure 19. Zero Crossing TEC Current Zoom in from Heating to Cooling
4
1
CH1 500mV
CH2 500mV
M10ms
A CH4
12mA
T
5.4ms
B
W
B
W
CH3 200mA
Ω BW
PWM (TEC–)
TEC CURRENT
LDO (TEC+)
Figure 20. Zero Crossing TEC Current Zoom in from Cooling to Heating
EN
TEC CURRENT
LDO (TEC–)
PWM (TEC+)
CH1 1V
CH2 1V
M20.0ms
A CH3
800mV
T
40ms
B
W
B
W CH3 2V
B
W
CH4 500mA
Ω BW
3
4
1
Figure 21. Typical Enable Waveforms in Cooling Mode,
VIN = 3.3 V, Load = 2 Ω, TEC Current = 1 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com