Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8834ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADN8834ACPZ-R2
Description  Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8834ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADN8834ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADN8834ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Data Sheet
ADN8834
Rev. B | Page 15 of 27
ENABLE AND SHUTDOWN
To enable the ADN8834, apply a logic high voltage to the
EN/SY pin while the voltage at the VLIM/SD pin is above the
maximum shutdown threshold of 0.07 V. If either the EN/SY
pin voltage is set to logic low or the VLIM/SD voltage is below
0.07 V, the controller goes into an ultralow current state. The
current drawn in shutdown mode is 350 µA typically. Most of
the current is consumed by the VREF circuit block, which is
always on even when the device is disabled or shut down. The
device can also be enabled when an external synchronization
clock signal is applied to the EN/SY pin, and the voltage at
VLIM/SD input is above 0.07 V. Table 6 shows the combinations
of the two input signals that are required to enable the ADN8834.
Table 6. Enable Pin Combinations
EN/SY Input
VLIM/SD Input
Controller
>2.1 V
>0.07 V
Enabled
Switching between high
>2.1 V and low < 0.8 V
>0.07 V
Enabled
<0.8 V
No effect1
Shutdown
Floating
No effect1
Shutdown
No effect1
≤0.07 V
Shutdown
1 No effect means this signal has no effect in shutting down or in enabling the
device.
OSCILLATOR CLOCK FREQUENCY
The ADN8834 has an internal oscillator that generates a 2.0 MHz
switching frequency for the PWM output stage. This oscillator is
active when the enabled voltage at the EN/SY pin is set to a logic
level higher than 2.1 V and the VLIM/SD pin voltage is greater
than the shutdown threshold of 0.07 V.
External Clock Operation
The PWM switching frequency of the ADN8834 can be
synchronized to an external clock from 1.85 MHz to 3.25 MHz,
applied to the EN/SY input pin as shown on Figure 28.
EXTERNAL CLOCK
SOURCE
ADN8834
AGND
EN/SY
Figure 28. Synchronize to an External Clock
Connecting Multiple ADN8834 Devices
Multiple ADN8834 devices can be driven from a single master
clock signal by connecting the external clock source to the
EN/SY pin of each slave device. The input ripple can be greatly
reduced by operating the ADN8834 devices 180° out of phase
from each other by placing an inverter at one of the EN/SY pins,
as shown in Figure 29.
ADN8834
ADN8834
EXTERNAL CLOCK
SOURCE
AGND
EN/SY
AGND
EN/SY
Figure 29. Multiple ADN8834 Devices Driven from a Master Clock
TEMPERATURE LOCK INDICATOR (LFCSP ONLY)
The TMPGD outputs logic high when the temperature error
amplifier output voltage, VOUT1, reaches the IN2P temperature
setpoint (TEMPSET) voltage. The TMPGD has a detection range
between 1.46 V and 1.54 V of VOUT1 and hysteresis. The TMPGD
function allows direct interfacing either to the microcontrollers
or to the supervisory circuitry.
SOFT START ON POWER-UP
The ADN8834 has an internal soft start circuit that generates
aramp with a typical 150 ms profile to minimize inrush current
during power-up. The settling time and the final voltage across
the TEC depends on the TEC voltage required by the control
voltage of voltage loop. The higher the TEC voltage is, the longer it
requires to be built up.
When the ADN8834 is first powered up, the linear side discharges
the output of any prebias voltage. As soon as the prebias is
eliminated, the soft start cycle begins. During the soft start
cycle, both the PWM and linear outputs track the internal soft
start ramp until they reach midscale, where the control voltage,
VC, is equal to the bias voltage, VB. From the midscale voltage,
the PWM and linear outputs are then controlled by VC and
diverge from each other until the required differential voltage is
developed across the TEC or the differential voltage reaches the
voltage limit. The voltage developed across the TEC depends on
the control point at that moment in time. Figure 30 shows an
example of the soft start in cooling mode. Note that, as both the
LDR and SFB voltages increase with the soft start ramp and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com