Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1031ACPZ-4-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP1031ACPZ-4-R7
Description  Three-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1031ACPZ-4-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP1031ACPZ-4-R7 Datasheet HTML 27Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 28Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 29Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 30Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 31Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 32Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 33Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 34Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Data Sheet
ADP1031
Rev. A | Page 31 of 38
resistor, capacitor, diode clamp shown in Figure 72 and the diode
Zener diode clamp shown in Figure 73. The resistor, capacitor,
diode clamp quickly dampens the voltage spike and provides
improved EMI performance, and the diode Zener diode clamp
can be used when the clamping level must be consistent and well
defined. The diode Zener diode clamp has slightly higher power
efficiency over the resistor, capacitor, diode clamp. However, the
cost of the diode Zener diode clamp solution is typically higher
than the resistor, capacitor, diode solution.
VOUT1
Tx1
VINP
SWP
D1
1:1
LLEAK
LPRI
RCLAMP CCLAMP
DCLAMP
Figure 72. Resistor, Capacitor, Diode Clamp
VOUT1
Tx1
VINP
SWP
D1
1:1
LLEAK
LPRI
DCLAMP
ZCLAMP
Figure 73. Diode Zener Diode Clamp
Clamping Resistor
To calculate the clamping resistor (RCLAMP) value, the clamping
voltage (VCLAMP) must be determined. The clamping voltage is
the voltage on which any voltage spike that occurs on the
flyback switch is clamped. Choose a clamping voltage (VCLAMP)
that provides sufficient margin between the SWP maximum
voltage rating (SWPVMAX) specified in the Absolute Maximum
Ratings section and that also is greater than the summation of
the maximum input supply (VINP(MAX)) and the maximum flyback
output voltage (VOUT1 (MAX)) of the application as given by
SWPVMAX > VINP(MAX) + VCLAMP > VINP (MAX) + VOUT1 (MAX)
VINP (MAX)
VOUT1 (MAX) + VINP (MAX)
VCLAMP
SWPVMAX
Figure 74. Clamping Waveform
Use the following equation to calculate the value of the
clamping resistor for a given VCLAMP value:
RCLAMP = (2 × VCLAMP × (VCLAMP − VOUT1))/(LLEAK × IPEAK2 × fSW)
where:
RCLAMP is the value of the clamping resistor.
VCLAMP is the clamping voltage.
VOUT1 is the output voltage of the flyback regulator.
LLEAK is the leakage inductance of the transformer.
IPEAK is the peak current on the flyback switch.
fSW is the switching frequency of the flyback regulator.
To calculate the power dissipation across the snubber resistor,
use the following equation:
PRCLAMP = (VCLAMP)2/(RCLAMP)
where PRCLAMP is the power dissipation across RCLAMP. Choose
RCLAMP with power rating of about twice this value to have
margin.
Clamping Capacitor
The clamping capacitor (CCLAMP) is used to minimize the voltage
ripple level (VRIPPLE) superimposed in VCLAMP. Calculate the
clamping capacitor by using the following equation for the
desired VRIPPLE level and the calculated RCLAMP:
CCLAMP = VCLAMP/(VRIPPLE × fSW × RCLAMP)
where:
CCLAMP is the value of the clamping capacitor.
VCLAMP is the clamping voltage.
VRIPPLE is the voltage ripple superimposed in VCLAMP. A VRIPPLE of
about 5% to 10% of VCLAMP is reasonable.
fSW is the switching frequency of the flyback regulator.
RCLAMP is the value of the clamping resistor.
Clamping Diode
Schottky diodes are typically the best choice. However, fast
recovery diodes can also be used. The diode reverse voltage
rating must be higher than the maximum SWP pin voltage
rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com