Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1031ACPZ-4-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP1031ACPZ-4-R7
Description  Three-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1031ACPZ-4-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP1031ACPZ-4-R7 Datasheet HTML 29Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 30Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 31Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 32Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 33Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 34Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 35Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 36Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Data Sheet
ADP1031
Rev. A | Page 33 of 38
BUCK REGULATOR COMPONENTS SELECTION
Inductor
The value of the inductor for the ADP1031 buck regulator
affects the efficiency and the output voltage ripple. Larger value
inductors typically improve efficiency. However, for a given
package size, as load increases, the dc resistance (DCR) and core
losses eventually have an increasing negative impact on efficiency.
Using a smaller value inductor reduces output voltage ripple but
can decrease the overall efficiency due to increased switching
losses.
Output Capacitor
The output capacitor selection affects the output ripple voltage,
load step transient, and the loop stability of the regulator. A 4.7 µF
capacitor is recommended as a balance between performance and
size, but a larger capacitor can be used to reduce output ripple.
INVERTING REGULATOR COMPONENT SELECTION
Inductor
The value of the inductor for the ADP1031 inverting regulator
affects the efficiency and output voltage ripple. Larger value
inductors typically improve efficiency. However, for a given
package size, as load increases, the DCR and core losses
eventually have an increasing negative impact on efficiency. Using
a smaller value inductor reduces output voltage ripple but can
decrease the overall efficiency due to increased switching losses.
Output Capacitor
The output capacitor selection affects the output ripple voltage,
load step transient, and the loop stability of the regulator. A
minimum of 4.7 µF capacitor is recommended to maintain
stability across VOUT1 and output load.
Inverting Regulator Stability
The ADP1031 inverting regulator uses internal compensation
and operates with an inductance of 100 µH and a typical
capacitance of 4.7 µF. Using different component values may
result in instability of VOUT3, particularly if lower capacitance
and smaller inductor values are used. Consult the factory for
guidance. Operating the inverter with the recommended inductor
and output capacitor, the output is stable from no load to a
15 mA load for any output from −24 V to −5 V. When
increasing the load beyond 15 mA, it is recommended to use a
larger output capacitor to stabilize the feedback loop,
particularly for lower output voltages.
Table 16. Transformer Selection
Primary
Part Number
Manufacturer
Turns
Ratio1
Inductance
(µH)
Resistance
(Ω)
Saturation
Current2
(mA)
Isolation
Voltage3
(V rms)
Isolation
Type
Size, Length ×
Width × Height,
(mm)
750316743
Würth Elektronik
1:1
280
1.1
250
2000
Basic
8.26 × 8.6 × 9.65
750316566
Würth Elektronik
1:1
150
1.65
220
2000
Basic
7.0 × 6.91 × 7.8
WA8478-BE
Coilcraft
1:1
275
1.2
150
2250
Basic
7.25 × 7.85 × 7.0
YA9293-AL
Coilcraft
1:1
300
1.15
250
2250
Reinforced
10 × 12.07 × 5.97
BS64042CS
Bourns
1:1
270
1.4
400
2200
Basic
10.5 × 9.8 × 11.0
LPD5030-154MRB
Coilcraft
1:1
150
2.43
430
Not
applicable
Functional
4.8 × 4.8 × 2.9
1
Turns ratio between the primary and secondary coils.
2
20% drop from initial.
3
1 minute duration.
Table 17. Buck Regulator and Inverting Regulator Recommended Inductors
Part Number
Manufacturer
Inductance (µH)
DC Resistance (Ω)
Saturation Current1 (mA)
Size, Length ×Width ×
Height, (mm)
744043101
Würth Elektronik
100
0.55
290
4.8 × 4.8 × 2.8
XFL3012-104MEB
Coilcraft
100
2.63
280
3.2 × 3.2 × 1.3
LQH3NPN101MMEL
Murata
100
1.59
260
3 × 3 × 1.4
SRN3015-101M
Bourns
100
2.92
270
3 × 3 × 1.5
SRU2016-101Y
Bourns
100
4.9
150
2.8 × 2.8 × 1.65
XFL2006-104MEB
Coilcraft
100
11.1
115
2 × 2 × 0.6
1
30% drop in inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com