Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1031ACPZ-4-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP1031ACPZ-4-R7
Description  Three-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1031ACPZ-4-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP1031ACPZ-4-R7 Datasheet HTML 30Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 31Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 32Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 33Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 34Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 35Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 36Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 37Page - Analog Devices ADP1031ACPZ-4-R7 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Data Sheet
ADP1031
Rev. A | Page 35 of 38
60 Hz sine wave, and it is well within the limit for a 20-year
service life.
The dc working voltage limit is set by the creepage of the
package as specified in IEC 60664-1. This value can differ for
specific system level standards.
THERMAL ANALYSIS
For the purpose of thermal analysis, the ADP1031 die are
treated as a thermal unit, with the highest junction temperature
reflected in the θJA values from Table 7. The value of θJA is based
on measurements taken with the devices mounted on a JEDEC
standard, 4-layer board with fine width traces and still air.
Under normal operating conditions, the ADP1031 operates at
a full load across the full temperature range without derating
the output current. However, following the recommendations
in the PCB Layout Considerations section decreases thermal
resistance to the PCB, allowing increased thermal margins in
high ambient temperatures. Each switching regulator in the
ADP1031 has a thermal shutdown circuit that turns off the dc-
to-dc converter and the outputs when a die temperature of
approximately 150°C is reached. When the die cools below
approximately 135°C, the ADP1031 dc-to-dc converter outputs
turn on again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com