Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-3-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP2450ACPZ-3-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-3-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP2450ACPZ-3-R7 Datasheet HTML 23Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 24Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 25Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 26Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 27Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 28Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 29Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 30Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Data Sheet
ADP2450
Rev. B | Page 27 of 40
EXTERNAL MOSFET FOR BOOST SHUNT
CONTROLLER
An N-channel external MOSFET is needed to control the CT
current in the boost shunt controller.
When the external MOSFET is turned off, the current from the CT
charges the output capacitor to VOUT1 through the boost shunt
diode. The voltage added on the drain and source nodes of the
MOSFET is equal to VOUT1 plus the diode forward voltage.
When the external MOSFET is turned on, it bypasses the CT
current to ground. It is recommended to choose a MOSFET
with a breakdown voltage (VDSS) at least twice that of the output
voltage of boost shunt controller (VOUT1). It is also recommended
that the continuous drain current (ID) be larger than the CT
secondary root mean square (rms) current when the analog trip
occurs.
The MOFSET driver integrated in the ADP2450 has an 8 V output
high voltage (VDRV_H). Ensure that the gate to source voltage (VGS) of
the selected MOSFET is greater than 8 V, and that the gate
threshold voltage (VGS_TH) is lower than 8 V. Table 12 lists several
recommended MOSFETs for the boost shunt controller.
Table 12. Recommended External MOSFETs
Vendor
Part Number
VDSS
(V)
ID
(A)
Infineon
IRFR3505PBF
55
30
IRFR3518TRPBF
80
30
BSC340N08NS3GATMA1
80
23
DIODES
DMN6068LK3-13
60
8.5
DMN6013LFG-7
60
10.3
DMT8012LFG-13
80
35
ON Semiconductor
FDMC86340
80
14
NTTFS5820NLTAG
60
37
FDS5670
60
10
FDS3572
80
8.9
BOOST SHUNT DIODE SELECTION
The ADP2450 integrates a boost shunt controller that requires
an external Schottky rectifier to conduct the CT current to the
output capacitor of the boost shunt circuit when the external
boost shunt MOSFET is turned off. Ensure that the Schottky
diode peak current rating is larger than the maximum CT
secondary current. The peak reverse voltage of the Schottky
diode must be greater than the output voltage of boost shunt
controller. To achieve the best efficiency, select a Schottky diode
with a low forward voltage (VF).
Table 13. Recommended Schottky Diodes
Vendor
Part Number
VRRM1 (V)
IO2 (A)
DIODES
B360A
60
3
B350A
50
3
B260A
60
2
ON Semiconductor
MBRS360BT3G
60
3
MBRS260T3G
60
2
NRVBS260T3G
60
2
Rohm
RB055LAM-60TR
60
3
RB068LAM-60TR
60
2
Bourns
CD214A-B360LF
60
3
1 VRRM is the peak repetitive reverse voltage of the diodes.
2 IO is the forward current of the diodes.
INPUT CAPACITOR OF BUCK REGULATOR
The input capacitor reduces the input voltage ripple of the buck
regulator caused by the switching current on VIN. Place the
input capacitor as close as possible to the VIN pin. A 10 μF
ceramic capacitor is recommended. The loop that is composed
of this input capacitor, the high-side N-MOSFET, and the low-
side N-MOSFET must be kept as small as possible.
The voltage rating of the input capacitor must be greater than
the maximum input voltage. Ensure that the rms current rating
of the input capacitor is larger than the value calculated from
the following equation:

_2
1
CIN RMS
OUT
II
D
D

 
where:
ICIN_RMS is the rms current of the input capacitor of buck regulator.
IOUT2 is the output current of the buck regulator.
D is the duty cycle of the buck regulator (D = VOUT2/VIN).
INDUCTOR SELECTION
The inductor value of the buck regulator is determined by the
operating frequency, input voltage, output voltage, and inductor
ripple current. Using a small inductor leads to a faster transient
response but degrades efficiency due to a larger inductor ripple
current, whereas using a large inductor value leads to smaller
ripple current and improved efficiency but results in a slower
transient response.
As a guideline, the inductor ripple current, ΔIL, is typically set
to one-third of the maximum load current. The inductor value
is calculated using the following equation:
2
IN
OUT
LSW
VV
D
L
If

where:
VIN is the input voltage of the buck regulator.
VOUT2 is the output voltage of the buck regulator.
Δ
IL is the inductor current ripple.
fSW is the switching frequency of buck regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com