Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-3-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP2450ACPZ-3-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-3-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP2450ACPZ-3-R7 Datasheet HTML 28Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 29Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 30Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 31Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 32Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 33Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 34Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 35Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ADP2450
Data Sheet
Rev. B | Page 32 of 40
FB1
ADP2450
DRV
RTOP1
102kΩ
RBOT1
11.3kΩ
DET
RPOWER
604Ω
PGND1
GATE
COUT1
220μF
VOUT1 = 12V
M2
FDMC86340
M1
FDMC86340
D1
MBRAF360T3G
ACTUATOR
VIN
CIN2
10μF
BST
SW
CBST
100nF
L
15μH
COUT2
10μF
FB2
PGND2
VPTH
RTOP_VP
316kΩ
RBOT_VP
61.9kΩ
VOUT1
VOUT2
VOUT2 = 3.3V
CAVDD
1μF
AVDD
RSTO
GAIN0
GAIN1
RGAIN
42.2kΩ
MCU
VCORE
RESET
GPIO1
EOUT1
EOUT2
EOUT3
EOUT4
EIN1
EIN2
EIN3
EIN4
ADC1
ADC2
ADC3
EOUT5
EIN5_N
EIN5_P
RCOM
VCOM
TRG
GPIO2
CVREG
1μF
VREG
VTRP
RTRP
232kΩ
GND
CB
A
CT1
CT2
CT3
BRIDGE1
BRIDGE2
BRIDGE3
IA
+
+
RSENSE1
2Ω/2W
IB
+
RSENSE2
2Ω/2W
IC
RSENSE3
2Ω/2W
Figure 72. Schematic for Design Example, Single Coil, Three Phases Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com