Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-3-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2450ACPZ-3-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-3-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2450ACPZ-3-R7 Datasheet HTML 12Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 13Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 14Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 15Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 16Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 17Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 18Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 19Page - Analog Devices ADP2450ACPZ-3-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
ADP2450
Data Sheet
Rev. B | Page 16 of 40
4.960
4.930
4.935
4.940
4.950
4.945
4.955
TEMPERATURE (°C)
PGA1
PGA2
PGA3
PGA4
–40
–20
0
20406080
100
120
Figure 29. PGA Output High Voltage vs. Temperature
250
0
50
100
150
200
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
GAIN ERROR (%)
596 PGAs
Figure 30. PGA Gain Error Distribution
250
0
50
100
150
200
0
1234567
9
11
810
12
PGA GAIN DRIFT (ppm/°C)
GAIN = 1
596 PGAs
Figure 31. PGA Gain Drift Distribution, Gain = 1
35
15
17
21
29
25
33
19
27
23
31
TEMPERATURE (°C)
PGA1
PGA2
PGA3
PGA4
–40
–20
0
20
40
60
80
100
120
Figure 32. PGA Output Low Voltage vs. Temperature
0
–80
–70
–30
–50
–10
–40
–60
–20
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
Figure 33. PGAx Power Supply Rejection Ratio (PSRR) vs. Frequency
350
250
0
50
100
150
200
300
0
123456
7
9
810
PGA GAIN DRIFT (ppm/°C)
GAIN = 4
596 PGAs
Figure 34. PGA Gain Drift Distribution, Gain = 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com