Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2504ACPZ-3.5-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP2504ACPZ-3.5-R7
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2504ACPZ-3.5-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP2504ACPZ-3.5-R7 Datasheet HTML 2Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 3Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 4Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 5Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 6Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 7Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 8Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 9Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP2503/ADP2504
Data Sheet
Rev. D | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
700
600
500
400
300
200
100
0
2.8
2.3
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
VOUT = 2.8V
VOUT = 3.5V
VOUT = 4.2V
VOUT = 4.5V
VOUT = 5.0V
VOUT = 3.3V
VOUT = 2.8V
VOUT = 3.5V
VOUT = 4.2V
VOUT = 4.5V
VOUT = 5.0V
VOUT = 3.3V
Figure 3. ADP2503 Output Current vs. Input Voltage
1100
1000
900
800
700
600
500
400
300
200
100
0
2.8
2.3
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
VOUT = 2.8V
VOUT = 3.5V
VOUT = 4.2V
VOUT = 4.5V
VOUT = 5.0V
VOUT = 3.3V
VOUT = 2.8V
VOUT = 3.5V
VOUT = 4.2V
VOUT = 4.5V
VOUT = 5.0V
VOUT = 3.3V
Figure 4. ADP2504 Output Current vs. Input Voltage
100
90
80
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
IOUT (A)
VIN = 5.5V
VIN = 4.2V
VIN = 3.6V
VIN = 2.3V
Figure 5. Efficiency vs. Output Current, PWM Mode (VOUT = 5.0 V)
0.001
0.01
0.1
1
100
90
80
70
60
50
40
30
20
10
0
IOUT (A)
VIN = 5.5V
VIN = 4.2V
VIN = 3.6V
VIN = 2.3V
Figure 6. Efficiency vs. Output Current, PSM and PWM Mode (VOUT = 5.0 V)
0.001
0.01
0.1
1
100
90
80
70
60
50
40
30
20
10
0
IOUT (A)
VIN = 5.5V
VIN = 4.2V
VIN = 3.6V
VIN = 2.3V
Figure 7. Efficiency vs. Output Current, PWM Mode (VOUT = 3.3 V)
0.001
0.01
0.1
1
100
90
80
70
60
50
40
30
20
10
0
IOUT (A)
VIN = 5.5V
VIN = 4.2V
VIN = 3.6V
VIN = 2.3V
Figure 8. Efficiency vs. Output Current, PSM and PWM Mode (VOUT = 3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com