Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2504ACPZ-3.5-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2504ACPZ-3.5-R7
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2504ACPZ-3.5-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2504ACPZ-3.5-R7 Datasheet HTML 7Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 8Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 9Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 10Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 11Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 12Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 13Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 14Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADP2503/ADP2504
Rev. D | Page 11 of 16
THEORY OF OPERATION
BAND GAP
REFERENCE
SYNC
PGND
AGND
EN
PVIN
VBAT = 2.3V
TO 5.5V
VIN
VOUT
SW1
SW2
1.5µH
EN
2.25V
UVLO
10µF
22µF
ADP2503/ADP2504
BIASING
ADP2503/ADP2504
PMOS1
PMOS2
NMOS1
NMOS2
THERMAL
PROTECTION
PWM CONTROL
OSCILLATOR
8
4
5
6
7
3
9
FB
–0.5V
2
1
10
CS
SOFT START
Figure 29. ADP2503/ADP2504 Block Diagram
The ADP2503/ADP2504 are synchronous average current-mode
switching buck-boost regulators designed to maintain a fixed
output voltage VOUT from an input supply VIN that can be
greater than, equal to, or less than VOUT. When VIN is signifi-
cantly greater than VOUT, the device is in buck mode: PMOS2 is
always active, NMOS2 is always off, and the PMOS1 and NMOS1
switches constitute a buck converter. When VIN is significantly
lower than VOUT, the device is in boost mode: PMOS1 is always
active, NMOS1 is always off, and the NMOS2 and PMOS2
switches constitute a boost converter. When VIN is in the range
[VOUT ± 10%], the ADP2503/ADP2504 automatically enter the
buck-boost mode. In buck-boost mode, the two operations,
buck (PMOS1 and NMOS1 switching in antiphase) and boost
(NMOS2 and PMOS2 switching in antiphase), take place at each
period of the clock. This is aimed at maintaining the regulation
and keeping a minimal current ripple in the inductor to guaran-
tee good transient performances.
POWER SAVE MODE
When the SYNC pin is low, the ADP2503/ADP2504 can operate
in power save mode (PSM). In this mode, when the load current
becomes less than 75 mA nominally at VIN = 3.6 V, the control-
ler pulls up VOUT and then halts the switching regime until VOUT
goes back to a restart value. Then VOUT is pulled up again for a
new cycle. This minimizes the switching losses at light load. When
the load rises above 150 mA, the ADP2503/ADP2504 revert to
fixed PWM mode. This results in about 75 mA of hysteresis
between PSM and fixed PWM, preventing oscillations between
these two modes.
SOFT START
When the ADP2503/ADP2504 are started, VOUT is ramped from
0 V to its final programmed value in 200 μs (typical). This limits
the inrush current to less than 600 mA for a nominal output
capacitor of 20 μF. Because the VOUT start-up slope is constant,
the inrush current becomes larger if the output capacitor is
made larger.
SYNC FUNCTION
When the SYNC pin is high, PSM is deactivated. The ADP2503/
ADP2504 always operate in PWM using the internal oscillator.
When the SYNC pin is switching in the 2.1 MHz to 2.9 MHz
range, the regulator switching frequency slides to the frequency
applied on SYNC and then locks on it. When the SYNC pin
stops switching, the regulator switching frequency slides back to
the internal oscillator frequency.
ENABLE
The device starts operation with soft start when the EN pin
is brought high. Pulling the EN pin low forces the device into
shutdown, with a typical shutdown current of 0.2 μA.
In this mode, the PMOS power switches are turned off, the
NMOS power switches are turned on, and the control circuitry
is not enabled. For proper operation, the EN pin must be
terminated and must not be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com