Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2504ACPZ-3.5-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2504ACPZ-3.5-R7
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2504ACPZ-3.5-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2504ACPZ-3.5-R7 Datasheet HTML 8Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 9Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 10Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 11Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 12Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 13Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 14Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 15Page - Analog Devices ADP2504ACPZ-3.5-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADP2503/ADP2504
Data Sheet
Rev. D | Page 14 of 16
Table 6. Recommended Output Capacitors
Vendor
Value
Device No.
Dimensions
L × W × H (mm)
Murata
2 × 10 μF, 6.3 V
GRM188R60J106ME47
1.6 × 0.8 × 0.8 (2)
TDK
2 × 10 μF, 6.3 V
C1608JB0J106K
1.6 × 0.8 × 0.8 (2)
Murata
22 μF, 6.3 V
GRM21BR60J226ME39
2 × 1.25 × 1.25
TDK
22 μF, 6.3 V
C2012X5R0J226M
2 × 1.25 × 1.25
TDK
22 μF, 10 V
C3216X5R1A226K
2 × 1.25 × 1.25
Murata
2 × 10 μF, 10 V
GRM21BR71A106KE51L
2 × 1.25 × 1.25 (2)
Input Capacitor Selection
The ADP2503/ADP2504 require an input capacitor to filter
noise on the VIN pin, and provide the transient currents while
maintaining constant input and output voltage. A 10 μF X5R/
X7R ceramic capacitor rated for 6.3 V is the minimum recom-
mended input capacitor. Increased input capacitance reduces
the amplitude of the switching frequency ripple on the battery.
Because of the dc bias characteristics of ceramic capacitors, a
0603, 6.3 V, X5R/X7R, 10 μF ceramic capacitor is preferable.
Table 7. Recommended Input Capacitors
Vendor
Value
Device No.
Dimensions
L × W × H
(mm)
Murata
10 μF, 6.3 V
GRM188R60J106ME47
1.6 × 0.8 × 0.8
TDK
10 μF, 6.3 V
C1608JB0J106K
1.6 × 0.8 × 0.8
OUTPUT VOLTAGE PROGRAMMING
The ADP2503/ADP2504 have an adjustable model where the
output is programmed through an external resistor divider.
The resistor divider is connected between VOUT and FB and
between FB and GND; keep the combined total for the resistor
divider close to 400 kΩ. The typical voltage reference (VREF) is
500 mV and depending on the output voltage required, the
following equation can be used to calculate the value of the
resistors:
REF
OUT
V
R
R
R
V
2
2
1
An example of the calculation for a required output voltage of
3.0 V follows.
V
5
.
0
k
60
k
360
V
0
.
3
SW1
1.5µH
PVIN
VIN
2.3V TO 5.5V
VOUT
2.8V TO 5V
20µF
10µF
ADP2503/ADP2504
VIN
VOUT
SW2
FB
R1
R2
SYNC
EN
OFF
ON
PGND
AGND
Figure 30. Typical Application Circuit for the Adjustable ADP2503/ADP2504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com