Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2504ACPZ-4.5-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2504ACPZ-4.5-R7
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2504ACPZ-4.5-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP2504ACPZ-4.5-R7 Datasheet HTML 1Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 2Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 3Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 4Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 5Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 6Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 7Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 8Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADP2503/ADP2504
Rev. D | Page 3 of 16
SPECIFICATIONS
VIN = 3.6 V, VOUT = 3.3 V, @ TA = TJ = −40°C to +125°C for minimum/maximum specifications and TA = 25°C for typical specifications,
unless otherwise noted.1
Table 1.
Parameters
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Voltage Range
2.3
5.5
V
Undervoltage Lockout Threshold
VIN rising
2.15
2.20
2.25
V
VIN falling
2.10
2.14
2.20
V
OUTPUT CHARACTERISTICS
Output Voltage Range
2.8
5.5
V
Feedback Impedance
450
kΩ
Feedback Voltage
ADP2503/ADP2504 adjustable output (PWM operation, no load)
490
500
510
mV
Output Voltage Initial Accuracy
ADP2503/ADP2504 fixed output (PWM operation, no load)
−2
+2
%
Load and Line Regulation
VIN = 2.3 V to 3.6 V, ILOAD = 0 mA to 500 mA, forced PWM mode
0.5
%
VIN = 2.3 V to 5.5 V, ILOAD = 0 mA to 500 mA, forced PWM mode
0.6
%
CURRENT CHARACTERISTICS
Quiescent Current (VIN)
IOUT = 0 mA, VIN = EN = 3.6 V, device not switching
38
50
μA
Shutdown Current
TA = TJ = −40°C to +125°C
0.2
1
μA
SWITCH CHARACTERISTICS
N-Channel Switches
VIN = 3.6 V
150
mΩ
P-Channel Switches
VIN = VOUT = 3.6 V
150
mΩ
P-Channel Leakage
TJ = −40°C to +125°C
1
μA
Switch Current Limit
ADP2504
1.3
2.0
A
ADP2503
1.0
1.4
A
Reverse Current Limit
1.1
A
OSCILLATOR AND STARTUP
Oscillator Frequency
2.1
2.5
2.9
MHz
On Time PMOS1 (Buck Mode)
Minimum duty cycle = 30%
130
ns
On Time NMOS2 (Boost Mode)
Maximum duty cycle = 50% (×2)
200
ns
SYNC Clock Frequency
2.2
2.8
MHz
SYNC Clock Minimum Off Time
160
ns
LOGIC LEVEL CHARACTERISTICS
EN, SYNC Input High Threshold
1.2
V
EN, SYNC Input Low Threshold
0.4
V
EN, SYNC Leakage Current
VEN = VIN, VSYNC = VIN
−1
+0.1
+1
μA
THERMAL CHARACTERISTICS
Thermal Shutdown Threshold
150
°C
Thermal Shutdown Hysteresis
25
°C
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com