Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2504ACPZ-4.5-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2504ACPZ-4.5-R7
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2504ACPZ-4.5-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP2504ACPZ-4.5-R7 Datasheet HTML 1Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 2Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 3Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 4Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 5Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 6Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 7Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 8Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADP2503/ADP2504
Data Sheet
Rev. D | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
PVIN, VIN, SW1, SW2, VOUT, SYNC, EN, FB
−0.3 V to +6 V
PGND to AGND
−0.3 V to 0.3 V
Operating Ambient Temperature Range
−40°C to +125°C
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
ESD Human Body Model
±2000 V
ESD Charged Device Model
±1500 V
ESD Machine Model
±100 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL DATA
Absolute maximum ratings apply individually only, not in
combination.
The ADP2503/ADP2504 can be damaged when the junction
temperature limits are exceeded. Monitoring ambient tempera-
ture (TA) does not guarantee that the junction temperature (TJ)
is within the specified temperature limits. In applications with
high power dissipation and poor thermal resistance, the maximum
ambient temperature may have to be derated. In applications
with moderate power dissipation and low PCB thermal resis-
tance, the maximum ambient temperature can exceed the
maximum limit as long as the junction temperature is within
specification limits. TJ of the device is dependent on TA, the
power dissipation (PD) of the device, and the junction-to-
ambient thermal resistance (θJA) of the package. Maximum
TJ is calculated from TA and PD using the following formula:
TJ = TA + (PD × θJA)
θJA of the package is based on modeling and calculation using a
4-layer board. The junction-to-ambient thermal resistance is
highly dependent on the application and board layout. In applica-
tions where high maximum power dissipation exists, close
attention to thermal board design is required. The value of θJA
may vary, depending on PCB material, layout, and environmental
conditions. The specified values of θJA are based on a 4-layer,
4 inch × 3 inch circuit board. Refer to JEDEC JESD 51-9 for
detailed information on the board construction.
THERMAL RESISTANCE
θJA are specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3.
Package Type
JA
Unit
10-Lead LFCSP (QFN)
84
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com