Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2504ACPZ-4.5-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2504ACPZ-4.5-R7
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2504ACPZ-4.5-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP2504ACPZ-4.5-R7 Datasheet HTML 1Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 2Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 3Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 4Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 5Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 6Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 7Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 8Page - Analog Devices ADP2504ACPZ-4.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
600 mA/1000 mA, 2.5 MHz Buck-Boost
DC-to-DC Converters
Data Sheet
ADP2503/ADP2504
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1 mm height profile
Compact PCB footprint
Seamless transition between modes
38 μA typical quiescent current
2.5 MHz operation enables 1.5 μH inductor
Input voltage: 2.3 V to 5.5 V
Fixed output voltage: 2.8 V to 5.0 V
Adjustable model output voltage range: 2.8 V to 5.5 V
600 mA (ADP2503) and 1000 mA (ADP2504) output options
Boost converter configuration with load disconnect
SYNC pin with three different modes
Power save mode (PSM) for improved light load efficiency
Forced fixed frequency operation mode
Synchronization with external clock
Internal compensation
Soft start
Enable/shutdown logic input
Overtemperature protection
Short-circuit protection
Undervoltage lockout protection
Small 10-lead 3 mm × 3 mm LFCSP (QFN) package
Supported by ADIsimPower™ design tool
APPLICATIONS
Wireless handsets
Digital cameras/portable audio players
Miniature hard disk power supplies
USB powered devices
GENERAL DESCRIPTION
The ADP2503/ADP2504 are high efficiency, low quiescent current
step-up/step-down dc-to-dc converters that can operate at input
voltages greater than, less than, or equal to the regulated output
voltage. The power switches and synchronous rectifiers are
internal to minimize external device count. At high load currents,
the ADP2503/ADP2504 use a current-mode, fixed frequency
pulse-width modulation (PWM) control scheme for optimal
stability and transient response. To ensure the longest battery life
in portable applications, the ADP2503/ADP2504 have an optional
power save mode that reduces the switching frequency under
light load conditions. For wireless and other low noise applica-
tions where variable frequency power save mode may cause
interference, the logic control input sync forces fixed frequency
PWM operation under all load conditions.
The ADP2503/ADP2504 can run from input voltages between
2.3 V and 5.5 V, allowing single lithium or lithium polymer cell,
multiple alkaline or NiMH cells, PCMCIA, USB, and other stan-
dard power sources. The ADP2503/ADP2504 have fixed output
options, or using the adjustable model, the output voltage can
be programmed through an external resistor divider. Compensa-
tion is internal to minimize the number of external components.
During logic-controlled shutdown, the input is disconnected
from the output and draws less than 1 μA from the input source.
Operating as boost converters, the ADP2503/ADP2504 feature a
true load disconnect function that isolates the load from the
power source. Other key features include undervoltage lockout
to prevent deep battery discharge, and soft start to prevent input
current overshoot at startup.
TYPICAL APPLICATION CIRCUIT
SW1
1.5µH
PVIN
VIN
2.3V TO 5.5V
VOUT
2.8V TO 5V
22µF
10µF
ADP2503/ADP2504
VIN
VOUT
SW2
FB
SYNC1
1ALLOWS THE ADP2503/ADP2504 TO OPERATE IN
THREE DIFFERENT MODES.
EN
OFF
ON
PGND
AGND
Figure 1.


Similar Part No. - ADP2504ACPZ-4.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2504ACPZ-4.5-R71 AD-ADP2504ACPZ-4.5-R71 Datasheet
1Mb / 16P
600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
Rev. PrB
More results

Similar Description - ADP2504ACPZ-4.5-R7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Analog Devices
ADP2503 AD-ADP2503 Datasheet
1Mb / 16P
600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
Rev. PrB
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
logo
STMicroelectronics
STBB2 STMICROELECTRONICS-STBB2 Datasheet
2Mb / 25P
800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
12-Feb-2014
logo
NXP Semiconductors
PCA9410 NXP-PCA9410 Datasheet
1Mb / 27P
3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1-5 August 2016
PCA9411 NXP-PCA9411 Datasheet
1Mb / 28P
3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1.1-5 August 2016
DC6M60XX6 NXP-DC6M60XX6 Datasheet
507Kb / 26P
6 MHz, 650 mA, ultra small DC-to-DC buck converter
Rev. 2-29 January 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com