Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32402A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32402A
Description  1.1 V to 5.5 V, Slew Rate Controlled Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32402A Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32402A Datasheet HTML 1Page - Vishay Siliconix SIP32402A Datasheet HTML 2Page - Vishay Siliconix SIP32402A Datasheet HTML 3Page - Vishay Siliconix SIP32402A Datasheet HTML 4Page - Vishay Siliconix SIP32402A Datasheet HTML 5Page - Vishay Siliconix SIP32402A Datasheet HTML 6Page - Vishay Siliconix SIP32402A Datasheet HTML 7Page - Vishay Siliconix SIP32402A Datasheet HTML 8Page - Vishay Siliconix SIP32402A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SiP32401A, SiP32402A
www.vishay.com
Vishay Siliconix
S15-1246-Rev. D, 01-Jun-15
1
Document Number: 63705
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
DESCRIPTION
SiP32401A and SiP32402A are slew rate controlled load
switches designed for 1.1 V to 5.5 V operation.
The devices guarantee low switch on-resistance at 1.2 V
input. They feature a controlled soft-on slew rate of typical
2.5 ms that limits the inrush current for designs of heavy
capacitive load and minimizes the resulting voltage droop at
the power rails.
These devices feature low voltage control logic interface
(On/Off interface) that can interface with low voltage control
signal without extra level shifting circuit. SiP32402A also
integrates an output discharge switch that enables fast
shutdown load discharge.
Both SiP32401A and SiP32402A have exceptionally low
shutdown current and provide reverse blocking to prevent
high current flowing into the power source.
SiP32401A and SiP32402A are in TDFN4 package of
1.2 mm by 1.6 mm.
FEATURES
• 1.1 V to 5.5 V operation voltage range
• 62 m
Ω typical from 2 V to 5 V
•Low Ron down to 1.2 V
• Slew rate controlled turn-on: 2.5 ms at 3.6 V
• Fast shutdown load discharge for SiP32402A
• Low quiescent current
< 1 μA when disabled
10.5 μA typical at VIN = 1.2 V
• Reverse current blocking when switch is off
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• PDAs / smart phones
• Notebook / netbook computers
•Tablet PC
• Portable media players
• Digital camera
• GPS navigation devices
• Data storage devices
• Optical, industrial, medical, and healthcare devices
TYPICAL APPLICATION CIRCUIT
Fig. 1 - SiP32401A, SiP32402A Typical Application Circuit
Available
SiP32401A, SiP32402A
IN
VOUT
OUT
VIN
GND
GND
GND
EN
EN
C
4.7 µF
IN
C
0.1 µF
OUT


Similar Part No. - SIP32402A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SiP32402ADNP-T1GE4 VISHAY-SiP32402ADNP-T1GE4 Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
More results

Similar Description - SIP32402A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
logo
Vishay Siliconix
SIP32510 VISHAY-SIP32510 Datasheet
517Kb / 12P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
08-Jul-13
SIP32401A VISHAY-SIP32401A Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
SIP32408 VISHAY-SIP32408 Datasheet
252Kb / 14P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-May-13
SIP32508 VISHAY-SIP32508 Datasheet
225Kb / 10P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
29-Feb-16
SIP32508 VISHAY-SIP32508_V01 Datasheet
274Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
06-Jul-2020
SIP32510 VISHAY-SIP32510_V01 Datasheet
798Kb / 14P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
06-Jul-2020
SIP32408 VISHAY-SIP32408_V01 Datasheet
291Kb / 15P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com