Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M4F1 Datasheet(PDF) 14 Page - Alliance Semiconductor Corporation

Part # AS4LC4M4F1
Description  4M횞4 CMOS DRAM (Fast Page) 3.3V Family
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC4M4F1 Datasheet(HTML) 14 Page - Alliance Semiconductor Corporation

Back Button AS4LC4M4F1 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 14Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
AS4LC4M4F1
®
5/16/01; v.1.0 Restored
Alliance Semiconductor
P. 14 of 14
© Copyright Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the
trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in
this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product
described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and
users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product
described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or
infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to
Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights, mask works rights, trademarks, or any other intellectual property rights of
Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the
user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.
CAS-before-RAS self refresh cycle
Capacitance 15
ƒ = 1 MHz, Ta = Room temperature
AS4LC4M4F1 ordering information
AS4LC4M4F1 family part numbering system
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN1
A0 to A10
Vin = 0V
5
pF
CIN2
RAS, CAS, WE, OE
Vin = 0V
7
pF
DQ capacitance
CDQ
DQ0 to DQ03
Vin = Vout = 0V
7
pF
Package \ RAS access time
50 ns
60 ns
Plastic SOJ, 300 mil, 24/26-pin
3.3V
AS4LC4M4F1-50JC
AS4LC4M4F1-50JI
AS4LC4M4F1-60JC
AS4LC4M4F1-60JI
Plastic TSOP, 300 mil, 24/26-pin*
* Shading indicates availability is TBD.
3.3V
AS4LC4M4F1-50TC
AS4LC4M4F1-50TI
AS4LC4M4F1-60TC
AS4LC4M4F1-60TI
AS4
LC
4M4
F1
–XX
X
X
DRAM
prefix
LC = 3.3V
CMOS
4M×4
F1=2K refresh RAS access time
Package:
J = SOJ 300 mil, 24/26
T = TSOP 300 mil, 24/26*
Temperature range
C=Commercial, 0°C to 70 °C
I=Industrial, -40°C to 85°C
tRP
tRASS
tRPC
tCP
tCHS
tCEZ
RAS
CAS
DQ
CAS
tRPS
tCSR
tRPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com