Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M4F1 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4LC4M4F1
Description  4M횞4 CMOS DRAM (Fast Page) 3.3V Family
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC4M4F1 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4LC4M4F1 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC4M4F1 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AS4LC4M4F1
5/16/01; v.1.0 Restored
Alliance Semiconductor
P. 2 of 14
®
Functional description
The AS4LC4M4F1 is a high performance 16-megabit CMOS Dynamic Random Access Memory (DRAM) device organized as 4,194,304
words × 4 bits. The device is fabricated using advanced CMOS technology and innovative design techniques resulting in high speed,
extremely low power and wide operating margins at component and system levels. The Alliance 16Mb DRAM family is optimized for use as
main memory in PC, workstation, router and switch applications.
This device features a high speed page-mode operation where read and write operations within a single row (or page) can be executed at
very high speed by toggling column addresses within that row. Row and column addresses are alternately latched into input buffers using the
falling edge of RAS and CAS inputs respectively. Also, RAS is used to make the column address latch transparent, enabling application of
column addresses prior to CAS assertion.
Refresh on the 2048 address combinations of A0 to A10 must be performed every 32 ms using:
•RAS-only refresh: RAS is asserted while CAS is held high. Each of the 2048 rows must be strobed. Outputs remain high impedence.
• Hidden refresh: CAS is held low while RAS is toggled. Refresh address is generated internally. Outputs remain low impedence with
previous valid data.
•CAS-before-RAS refresh (CBR): CAS is asserted prior to RAS. Refresh address is generated internally.
Outputs are high-impedence (OE and WE are don't care).
• Normal read or write cycles refresh the row being accessed.
• Self-refresh cycles
The AS4LC4M4F1 is available in the standard 24/26-pin plastic SOJ. TSOP 24/26-pin availability is to be determined. The AS4LC4M4F1
operates with a single power supply of 3.3V ± 0.3V and provides TTL compatible inputs and outputs.
Logic block diagram for 2K refresh
Recommended operating conditions
†V
IL min -3.0V for pulse widths less than 5 ns. Recommended operating conditions apply throughout this document unlesss otherwise specified.
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage
VCC
3.0
3.3
3.6
V
GND
0.0
0.0
0.0
V
Input voltage
VIH
2.0
–
VCC+0.5V
V
VIL
–0.5†
–0.8
V
Ambient operating temperature
Commercial
TA
0–
70
°C
Industrial
-40
–
85
RAS clock
generator
2048 × 2048 × 4
Array
(16,777,216)
Sense amp
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
Column decoder
Substrate bias
generator
Data
I/O
buffers
OE
RAS
CAS
WE clock
generator
WE
I/O0 to I/O3
CAS clock
generator
A9
A10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com